Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6422.0051.30 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 6422.0051.30
Description  IEC Appliance Inlet C14 with modular extended Components
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6422.0051.30 Datasheet(HTML) 4 Page - Schurter Inc.

  6422.0051.30 Datasheet HTML 1Page - Schurter Inc. 6422.0051.30 Datasheet HTML 2Page - Schurter Inc. 6422.0051.30 Datasheet HTML 3Page - Schurter Inc. 6422.0051.30 Datasheet HTML 4Page - Schurter Inc. 6422.0051.30 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Power entry modules without line filter
Felcom 64
www.schurter.com/pg05
Connectors
Accessories
Description
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001
Flat head, E
4700.0005
Flat head, G
4700.0007
Mating Inlets/Plugs
Category / Description
Interconnection Cord Overview complete
Interconnection Cord with IEC Plug E, Angled
0607
Interconnection Cord with IEC Plug E, Angled
0608
Interconnection Cord with IEC Plug E, Straight
0609
Interconnection Cord with IEC Plug G, Angled
607B
Interconnection Cord with IEC Plug G, Angled
608B
Interconnection Cord further types to Felcom 64
...
Plug Overview complete
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4732
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4733
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4735
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4736
IEC Plug E, Cord Connector (Rewireable), Straight
9009
Plug further types to Felcom 64
...
Mating Outlets/Connectors
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
5092
Appliance Outlet further types to Felcom 64
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to Felcom 64
...
Power Cord Overview complete
Power Cord with IEC Connector C13, Angled
0311
Power Cord with IEC Connector C13, Angled
3011
Power Cord with IEC Connector C13, Angled
3012
Power Cord with IEC Connector C13, Angled
3013
Power Cord with IEC Connector C13
3020
Power Cord further types to Felcom 64
...
Power Supply or Interconnection Cord Overview complete
Divers Power Supply and Interconnection Cords 10 A
Kabelverbindung/10 A
Power Supply or Interconnection Cord further types to Felcom 64


Similar Part No. - 6422.0051.30

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6422.0051.10 SCHURTER-6422.0051.10 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
6422.0051.12 SCHURTER-6422.0051.12 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
6422.0051.15 SCHURTER-6422.0051.15 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
6422.0051.20 SCHURTER-6422.0051.20 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
6422.0051.25 SCHURTER-6422.0051.25 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
More results

Similar Description - 6422.0051.30

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FELCOM64 SCHURTER-FELCOM64 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_18 Datasheet
530Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_V01 Datasheet
533Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
08.12.2021
54111051101 SCHURTER-54111051101 Datasheet
712Kb / 4P
   IEC Appliance Inlet C14 Modular Assembling Options
FELCOM54 SCHURTER-FELCOM54_V01 Datasheet
570Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
04.01.2022
FELCOM54 SCHURTER-FELCOM54 Datasheet
560Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com