Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPMCK16Z4CFC25 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4CFC25
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4CFC25 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4CFC25 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPMCK16Z4CFC25 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPMCK16Z4CFC25 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPMCK16Z4CFC25 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPMCK16Z4CFC25 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPMCK16Z4CFC25 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPMCK16Z4CFC25 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPMCK16Z4CFC25 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPMCK16Z4CFC25 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
(Continued)
Paragraph
Title
Page
TABLE OF CONTENTS
5.8.1
Interrupt Exception Processing .......................................................5-58
5.8.2
Interrupt Priority and Recognition ....................................................5-58
5.8.3
Interrupt Acknowledge and Arbitration ............................................5-59
5.8.4
Interrupt Processing Summary ........................................................5-60
5.8.5
Interrupt Acknowledge Bus Cycles ..................................................5-61
5.9
Chip-Selects ............................................................................................5-61
5.9.1
Chip-Select Registers ......................................................................5-63
5.9.1.1
Chip-Select Pin Assignment Registers ...................................5-64
5.9.1.2
Chip-Select Base Address Registers ......................................5-65
5.9.1.3
Chip-Select Option Registers ..................................................5-66
5.9.1.4
PORTC Data Register .............................................................5-67
5.9.2
Chip-Select Operation .....................................................................5-67
5.9.3
Using Chip-Select Signals for Interrupt Acknowledge .....................5-68
5.9.4
Chip-Select Reset Operation ...........................................................5-69
5.10
Parallel Input/Output Ports ......................................................................5-70
5.10.1
Pin Assignment Registers ...............................................................5-70
5.10.2
Data Direction Registers .................................................................5-70
5.10.3
Data Registers .................................................................................5-71
5.11
Factory Test ............................................................................................5-71
SECTION 6
STANDBY RAM MODULE
6.1
SRAM Register Block ................................................................................6-1
6.2
SRAM Array Address Mapping .................................................................6-2
6.3
SRAM Array Address Space Type ............................................................6-2
6.4
Normal Access ..........................................................................................6-2
6.5
Standby and Low-Power Stop Operation ..................................................6-2
6.6
Reset .........................................................................................................6-3
SECTION 7
MASKED ROM MODULE
7.1
MRM Register Block ..................................................................................7-1
7.2
MRM Array Address Mapping ...................................................................7-1
7.3
MRM Array Address Space Type ..............................................................7-2
7.4
Normal Access ..........................................................................................7-2
7.5
Low-Power Stop Mode Operation .............................................................7-3
7.6
ROM Signature ..........................................................................................7-3
7.7
Reset .........................................................................................................7-3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPMCK16Z4CFC25

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPMCK16Z4CFC25 FREESCALE-SPMCK16Z4CFC25 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - SPMCK16Z4CFC25

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com