Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8061-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8061-H
Description  Silicon N-Channel MOS Type (U-MOS??H)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8061-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8061-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8061-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8061-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8061-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8061-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8061-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8061-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8061-H
2009-11-18
5
0
Ciss
Coss
Crss
VGS = 0 V
10
4.5
3
20
10
30
0
0
4
12
10
8
4
12
0
0.5
1
1.5
−80
−40
0
40
80
120
160
2
10
0.1
100
1000
10000
1
10
100
40
32
0
1
−0.2
10
100
−0.6
−0.8
−0.4
VDD = 6 V
VDS
12
24
1
2.5
6
VGS = 10 V
VGS = 4.5 V
160
−40
0
40
80
120
−80
24
16
ID = 2, 4, 8 A
0
−1.0
8
ID = 2, 4, 8 A
8
2
2
1.0
0
0
40
80
120
0.5
1.5
160
(1)
(2)
Drain-source voltage VDS (V)
Capacitance – VDS
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ambient temperature Ta (°C)
RDS (ON) – Ta
Common source
Pulse test
Ambient temperature Ta (°C)
Vth – Ta
Common source
VDS = 10 V
ID = 0.1 mA
Pulse test
Total gate charge Qg (nC)
Dynamic input/output
characteristics
Drain-source voltage VDS (V)
IDR – VDS
Common source
Ta
= 25°C
Pulse test
Common source
ID = 8 A
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
PD – Ta
(1)Device mounted on a glass-epoxy
board (a) (Note 2a)
(2)Device mounted on a glass-epoxy
board (b) (Note 2b)
t=10s
VGS


Similar Part No. - TPC8061-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8061-H TOSHIBA-TPC8061-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8061-H VBSEMI-TPC8061-H Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - TPC8061-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK200F04N1L TOSHIBA-TK200F04N1L Datasheet
306Kb / 11P
   Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.8.0
TPH1R306PL1 TOSHIBA-TPH1R306PL1 Datasheet
658Kb / 9P
   Silicon N-channel MOS (U-MOS-H)
2020-06-26 Rev.2.0
TPH4R008QM TOSHIBA-TPH4R008QM Datasheet
613Kb / 9P
   Silicon N-channel MOS (U-MOS-H)
2020-02-21 Rev.1.0
TPH5R60APL TOSHIBA-TPH5R60APL Datasheet
813Kb / 9P
   Silicon N-channel MOS (U-MOS-H)
2019-10-18 Rev.2.0
TPHR8504PL1 TOSHIBA-TPHR8504PL1 Datasheet
599Kb / 9P
   Silicon N-channel MOS (U-MOS-H)
2020-06-26 Rev.2.0
TPHR9203PL1 TOSHIBA-TPHR9203PL1 Datasheet
595Kb / 9P
   Silicon N-channel MOS (U-MOS-H)
2020-06-26 Rev.2.0
XPN12006NC TOSHIBA-XPN12006NC Datasheet
566Kb / 10P
   Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.4.0
TPHR6503PL1 TOSHIBA-TPHR6503PL1 Datasheet
593Kb / 9P
   Silicon N-channel MOS (U-MOS-H)
2020-06-26 Rev.2.0
TPHR7404PU TOSHIBA-TPHR7404PU Datasheet
533Kb / 9P
   Silicon N-channel MOS (U-MOS-H)
2020-08-25 Rev.2.0
TPN19008QM TOSHIBA-TPN19008QM Datasheet
518Kb / 9P
   Silicon N-channel MOS (U-MOS-H)
2019-10-21 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com