Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5500.2031 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5500.2031
Description  AC Filter Cost Optimized
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2031 Datasheet(HTML) 2 Page - Schurter Inc.

  5500.2031 Datasheet HTML 1Page - Schurter Inc. 5500.2031 Datasheet HTML 2Page - Schurter Inc. 5500.2031 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

-Phase Line Filters
FMLB-09
www.schurter.com/pg06_
EMC Products
Dimensions
Case 73
75 max.
±0.3
(20)
50 max.
28.6
6.3x0.8
60.4
(9)
+0.2
-0.5
1)
2)
1) Line
2) Load
Diagrams
Standard version
1)
2)
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
6 A
10 A
16 A
20 A
Medicalversion(M5)
6 A
10 A
16 A
20 A


Similar Part No. - 5500.2031

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2031 SCHURTER-5500.2031 Datasheet
436Kb / 4P
   AC Filter Cost Optimized
08.11.2021
More results

Similar Description - 5500.2031

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMLB-09 SCHURTER-FMLB-09_V02 Datasheet
436Kb / 4P
   AC Filter Cost Optimized
08.11.2021
FMLB-41 SCHURTER-FMLB-41 Datasheet
401Kb / 3P
   AC Filter Cost Optimized
FMLB-51 SCHURTER-FMLB-51 Datasheet
384Kb / 3P
   AC Filter Cost Optimized
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
IL-11-0001 SCHURTER-IL-11-0001 Datasheet
419Kb / 2P
   Cost optimized pulse transformers for THT mounting
IL-11-0001 SCHURTER-IL-11-0001_V02 Datasheet
218Kb / 2P
   Cost optimized pulse transformers for THT mounting
04.01.2022
logo
Integrated Device Techn...
ZSSC3131 IDT-ZSSC3131 Datasheet
263Kb / 23P
   Sensor Signal Conditioner for Cost- Optimized Switch Applications
logo
Renesas Technology Corp
ZSSC3131 RENESAS-ZSSC3131 Datasheet
437Kb / 24P
   Sensor Signal Conditioner for Cost- Optimized Switch Applications
January 25, 2016
logo
Maxim Integrated Produc...
AN1156 MAXIM-AN1156 Datasheet
28Kb / 3P
   Low-Cost AC Supply
Jul 29, 2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com