Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYM1108 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLYM1108
Description  Panel Circuit Indicator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYM1108 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLYM1108 Datasheet HTML 1Page - Toshiba Semiconductor TLYM1108 Datasheet HTML 2Page - Toshiba Semiconductor TLYM1108 Datasheet HTML 3Page - Toshiba Semiconductor TLYM1108 Datasheet HTML 4Page - Toshiba Semiconductor TLYM1108 Datasheet HTML 5Page - Toshiba Semiconductor TLYM1108 Datasheet HTML 6Page - Toshiba Semiconductor TLYM1108 Datasheet HTML 7Page - Toshiba Semiconductor TLYM1108 Datasheet HTML 8Page - Toshiba Semiconductor TLYM1108 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TL(RM,RMM,SM,OM,YM)1108(T11)
2010-01-29
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRM1108
630
1300
3200
50
VA / WA / XA
TLRMM1108
630
1600
3200
50
VA / WA / XA
TLSM1108
1000
2400
5000
50
WA / XA / YA
TLOM1108
1000
2500
5000
50
WA / XA / YA
TLYM1108
1000
2200
5000
50
WA / XA / YA
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
VA
630
1250
WA
1000
2000
XA
1600
3200
YA
2500
5000
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRM1108
644
14
624
630
638
TLRMM1108
636
14
620
626
634
TLSM1108
623
14
607
613
621
TLOM1108
612
14
599
605
613
TLYM1108
592
13
583
590
595
50
Unit
nm
nm
nm
mA
Handling precautions
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.


Similar Part No. - TLYM1108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYM1050 TOSHIBA-TLYM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLYM1052 TOSHIBA-TLYM1052 Datasheet
340Kb / 14P
   TOSHIBA LED Lamp
TLYM1060 TOSHIBA-TLYM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
More results

Similar Description - TLYM1108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com