Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS10SPU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TCS10SPU
Description  Digital-Output Magnetic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TCS10SPU Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TCS10SPU
2008-09-08
3
DC Characteristics (Ta = 25°C)
Characteristics
Symbol
Condition
VCC (V)
Min
Typ.
Max
Unit
Hi-Level
VOH
IOH = −1.0 mA
2.3 to 3.6
VCC
x 90%
Output Voltage
Lo- Level
VOL
IOL = 1.0 mA
2.3 to 3.6
VCC
x 10%
V
2.3 to 2.7
5.5
9.5
Average
Current
ICC
Current at pulse driving
(Note 3, Fig. A)
3.0 to 3.6
8.7
13.2
μA
Supply Current
Operating
Current
ICCON
Peak current
(Note 3, Fig. A)
2.3 to 3.6
0.7
1.3
mA
Operating Frequency
fopr
(Fig. A)
2.3 to 3.6
25
Hz
Note 3: Supply current is pulsed periodically by internal circuit.
Magnetic Characteristics (Ta = 25°C)
Characteristics
Symbol
Condition
(Note 4, Fig. B)
VCC (V)
Min.
Typ.
Max.
Unit
Operating Point
BON
VOUT = VOL
2.3 to 3.6
1.8
2.5
Releasing Point
BOFF
VOUT = VOH
2.3 to 3.6
0.3
0.8
Magnetic
Flux
Density
Hysteresis
BH
|BON - BOFF|
2.3 to 3.6
1.0
mT
Note 4: Uniform magnetic field perpendicularly to the magnetic sensor.
(Fig. A) : ICC Characteristics
(Fig. B) : Operating Characteristics
VOH
VOL
BH
BOFF
BON
South-Pole
North-Pole 0
Magnetic Flux Density (mT)
VOUT
1/fopr (fopr=25 Hz)
Operating Current
(Typ. 0.7 mA)
Average Current
(
Typ. 5.5 μA)
ICC
Time (t)
Magnetic Field, B
Note: Direction of the Magnetic field


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn