Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS10SPU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TCS10SPU
Description  Digital-Output Magnetic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TCS10SPU Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TCS10SPU
2008-09-08
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SPU
Digital-Output Magnetic Sensor
Feature
Push-Pull Output
South-pole Detection
Marking
Pin Assignment (Top View)
Function Table
Note 1: It is recommended to add a capacitor of about 0.1
μF between VCC and GND.
Note 2: The GND1 and GND2 pins should be tied to ground.
The GND2 pin is used as a test pin during production.
Weight: 0.007 g (typ.)
Magnetic Flux
Density
Output
≥ BON
L
≤ BOFF
H
PA1
VOUT GND1
(Note2)
VCC (Note1)
NC
GND2 (Note2)
12
3
4
5
UFV


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn