Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS10SPU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TCS10SPU
Description  Digital-Output Magnetic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TCS10SPU Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TCS10SPU
2008-09-08
5
Layout of Sensor Element
Note: Dimensional tolerances are
± 0.1 mm, unless otherwise specified.
0.85
1.05
0.3
Sensor Element
Sensor Element (0.2 mm
2)
Unit: mm


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn