Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4FMAJ68A Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # P4FMAJ68A
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

P4FMAJ68A Datasheet(HTML) 5 Page - Rectron Semiconductor

  P4FMAJ68A Datasheet HTML 1Page - Rectron Semiconductor P4FMAJ68A Datasheet HTML 2Page - Rectron Semiconductor P4FMAJ68A Datasheet HTML 3Page - Rectron Semiconductor P4FMAJ68A Datasheet HTML 4Page - Rectron Semiconductor P4FMAJ68A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RECTRON
TRANSIENT VOLTAGE SUPPRESSORS
400W SERIES TVS DIODES / DO-214AC ( CASE 2 ) 400W
TYPE
Breakdown Voltage
VBR
(Volts)
MIN.
MAX.
@IT
(mA)
Reverse
Stand off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
at VWM
ID(uA)
Maximum
Peak Pulse
Current
IPPM
(Amps)
Maximum
Clamping
Voltage
at IPPM
VC (Volts)
P4FMAJ62
P4FMAJ62A
P4FMAJ68
P4FMAJ68A
P4FMAJ75
P4FMAJ75A
P4FMAJ82
P4FMAJ82A
P4FMAJ91
P4FMAJ91A
P4FMAJ100
P4FMAJ100A
P4FMAJ110
P4FMAJ110A
P4FMAJ120
P4FMAJ120A
P4FMAJ130
P4FMAJ130A
P4FMAJ150
P4FMAJ150A
P4FMAJ160
P4FMAJ160A
P4FMAJ170
P4FMAJ170A
P4FMAJ180
P4FMAJ180A
P4FMAJ200
P4FMAJ200A
P4FMAJ220
P4FMAJ220A
P4FMAJ250
P4FMAJ250A
P4FMAJ300
P4FMAJ300A
P4FMAJ350
P4FMAJ350A
P4FMAJ400
P4FMAJ400A
55.8
68.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50.2
5.0
4.7
89.0
85.0
5.0
5.0
53.0
65.1
58.9
61.2
74.8
55.1
5.0
4.2
98.0
64.6
71.4
58.1
5.0
4.5
92.0
67.5
82.5
60.7
5.0
3.8
108
71.3
78.8
64.1
5.0
4.0
103
73.8
90.2
66.4
5.0
3.5
118
77.9
86.1
70.1
5.0
3.7
113
81.9
100
73.7
5.0
3.2
131
86.5
95.5
77.8
5.0
3.3
125
90.0
110
81.0
5.0
2.1
144
95.0
105
85.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
2.2
137
99.0
121
89.2
1.9
158
105
116
94.0
2.0
152
108
132
97.2
1.7
173
114
126
102
1.8
165
117
143
105
1.6
187
124
137
111
1.7
179
135
165
121
1.4
215
143
158
128
1.4
207
144
176
130
1.3
230
152
168
136
1.4
219
153
187
138
1.2
244
162
179
145
1.3
234
162
198
146
1.2
258
171
189
154
1.2
246
180
220
162
1.0
287
190
210
171
1.1
274
198
242
175
0.9
344
209
231
185
0.9
328
225
275
202
0.83
360
237
263
214
0.87
344
270
330
243
0.70
430
285
315
256
0.73
414
315
385
284
0.60
504
332
368
300
0.62
482
360
440
324
0.53
574
380
420
342
0.55
548
Notes :
1. VBR measured after IT applied for 300ms. IT = square pulse or equivalent.
2. For bidirectional use C or CA suffixs for all types (ex. P4FMAJ6.8C,P4FMAJ400CA)
electrical characteristics apply in both directions.
3. For bidirectional types having VWM of 10 volts and less, the ID Iimit is doubled.
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
4. Mark"*" reverse power rating are 300w.


Similar Part No. - P4FMAJ68A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
P4FMAJ68A RECTRON-P4FMAJ68A Datasheet
123Kb / 6P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
P4FMAJ68A RECTRON-P4FMAJ68A Datasheet
181Kb / 9P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4FMAJ68A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TFMAJ RECTRON-TFMAJ Datasheet
989Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6FMBJ RECTRON-P6FMBJ Datasheet
1Mb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4FMAJ RECTRON-P4FMAJ Datasheet
123Kb / 6P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
TFMBG150A RECTRON-TFMBG150A Datasheet
410Kb / 3P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TMPG06-27 RECTRON-TMPG06-27 Datasheet
28Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR 300 WATT PEAK POWER 1.0 WATT STEADY STATE
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com