Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS10DLU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCS10DLU
Description  Digital-Output Magnetic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCS10DLU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCS10DLU Datasheet HTML 1Page - Toshiba Semiconductor TCS10DLU Datasheet HTML 2Page - Toshiba Semiconductor TCS10DLU Datasheet HTML 3Page - Toshiba Semiconductor TCS10DLU Datasheet HTML 4Page - Toshiba Semiconductor TCS10DLU Datasheet HTML 5Page - Toshiba Semiconductor TCS10DLU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TCS10DLU
2009-01-30
3
DC Characteristics (Ta = 25°C)
Characteristics
Symbol
Condition
VCC (V)
Min
Typ.
Max
Unit
Output Voltage
Low- Level
VOL
IOL = 1.0 mA
2.3 to 3.6
VCC
x 10%
V
Output Leakage Current
IOFF
VOUT = 5.5V
0
0.5
1
μA
2.3 to 2.7
8.5
13.2
Average
Current
ICC
Current at pulse driving
(Note 5, Fig. A)
3.0 to 3.6
12.4
18.3
μA
Supply Current
Operating
Current
ICC ON
Peak current
(Note 5, Fig. A)
2.3 to 3.6
0.7
1.3
mA
Operating Frequency
fopr
(Fig. A)
2.3 to 3.6
25
Hz
Note 5: Supply Current is pulsed periodically by internal circuit.
Magnetic Characteristics (Ta = 25°C)
Characteristics
Symbol
Condition
(Note 6, Fig. B)
VCC (V)
Min
Typ.
Max
Unit
BONS
1.8
2.5
Operating Point
BONN
VOUT = VOL
2.3 to 3.6
-2.5
-1.8
BOFFS
0.3
0.8
Releasing Point
BOFFN
VOUT = Z
(Note 7)
2.3 to 3.6
-0.8
-0.3
Magnetic
Flux
Density
Hysteresis
BH
|BON - BOFF|
2.3 to 3.6
1.0
mT
Note 6: Uniform magnetic field perpendicularly to the magnetic sensor.
Note 7: In the high-impedance state.
(Fig. A): ICC Characteristics
(Fig. B): Operating Characteristics
Operating Current
(typ. 0.7 mA)
Time
Average Current
(typ. 8.5
μA)
ICC
1/fopr(fopr = 25 Hz)
Magnetic Field, B
High-Impedance State
VOL
BH
BOFFS BONS
South Pole
0
VOUT
Magnetic Flux Density
BH
BOFFN
BONN
Note: Direction of the Magnetic field
North Pole


Similar Part No. - TCS10DLU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU_14 Datasheet
184Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TCS10DLU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
   Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
   Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
   Digital Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
   Digital Output Magnetic Sensor
TCS10SPU TOSHIBA-TCS10SPU Datasheet
157Kb / 6P
   Digital-Output Magnetic Sensor
TCS11NLU TOSHIBA-TCS11NLU Datasheet
108Kb / 6P
   Digital Output Magnetic Sensor
TCS20DPR TOSHIBA-TCS20DPR Datasheet
209Kb / 7P
   Digital Output Magnetic Sensor
TCS10SLU TOSHIBA-TCS10SLU Datasheet
177Kb / 6P
   Digital Output Magnetic Sensor
TCS11SLU TOSHIBA-TCS11SLU Datasheet
108Kb / 6P
   Digital Output Magnetic Sensor
TCS20DLR TOSHIBA-TCS20DLR Datasheet
204Kb / 7P
   Digital Output Magnetic Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com