Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHCV05FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHCV05FT
Description  Hex Schmitt Inverter (open drain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV05FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCV05FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74VHCV05FT/FK
2010-07-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCV05FT,TC74VHCV05FK
Hex Schmitt Inverter (open drain)
The TC74VHCV05 is an advanced high speed CMOS INVERTER
fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power
dissipation.
Output have high performance MOS N-channel transistor. (Open
Drain outputs)
Input pin have hysteresis between the positive-going and
negative-going thresholds. Thus the TC74VHCV05 is capable of
squaring up transitions of slowly changing input signals such as
line receivers.
Input protection and output circuit ensure that 0 to 5.5 V can be
applied to the input and output pin without regard to the supply
voltage. These structure prevents device destruction due to
mismatched supply and input/output voltages such as battery
back up, etc.
Features
• High speed: tpZ = 4.2 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• Wide operating voltage range: VCC (opr) = 1.8 V to 5.5 V
• Ouput current: IOL = 16 mA (min) (VCC = 4.5 V)
• Available in TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 05 type
TC74VHCV05FT
TC74VHCV05FK
Weight
TSSOP14-P-0044-0.65A
: 0.06 g ( typ )
VSSOP14-P-0030-0.50
: 0.02 g ( typ )


Similar Part No. - TC74VHCV05FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
TC74VHCV07FT TOSHIBA-TC74VHCV07FT Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
More results

Similar Description - TC74VHCV05FT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
   Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
   HEX INVERTER OPEN DRAIN
June 1999
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
logo
ON Semiconductor
MM74HCT05 ONSEMI-MM74HCT05 Datasheet
334Kb / 9P
   Hex Inverter (Open Drain)
March 2008 Rev. 1.5.0
logo
Toshiba Semiconductor
TC74AC05F TOSHIBA-TC74AC05F_12 Datasheet
245Kb / 7P
   Hex Inverter (open drain)
TC74VHC05F TOSHIBA-TC74VHC05F Datasheet
209Kb / 5P
   HEX INVERTER (OPEN DRAIN)
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05_04 Datasheet
224Kb / 11P
   HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05_05 Datasheet
84Kb / 7P
   Hex Inverter (Open Drain)
logo
STMicroelectronics
74VHCT05A STMICROELECTRONICS-74VHCT05A Datasheet
148Kb / 8P
   HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05 Datasheet
80Kb / 6P
   Hex Inverter (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com