Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS605 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RS605
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS605 Datasheet(HTML) 2 Page - Rectron Semiconductor

  RS605 Datasheet HTML 1Page - Rectron Semiconductor RS605 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( RS601 THRU RS607 )
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
INSTANTANEOUS FORWARD VOLTAGE, (V)
CHARACTERISTICS
100
10
1
.1
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
TJ = 25¢J
Pulse Width = 300us
1% Duty Cycle
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG. 4 - TYPICAL REVERSE CHARACTERI
10
1.0
.1
.01
020
40
60
80
100
120
140
TJ = 100¢J
TJ = 25¢J
FIG. 2 - TYPICAL FORWARD CURRENT DERATI
CASE TEMPERATURE, (¢J )
5
6
7
8
4
3
2
1
0
0
50
100
150
Single Phase Half Wave
60Hz Indutive or
Resistive Load
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
250
200
150
100
50
0
1
2
4
6
8 10
20
40 6080100
8.3ms Single Half Sine-Wave
(JEDEC Method)


Similar Part No. - RS605

ManufacturerPart #DatasheetDescription
logo
Bytes
RS605 BYTES-RS605 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
RS605 SY-RS605 Datasheet
237Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS605 ZSELEC-RS605 Datasheet
134Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
RS605 DCCOM-RS605 Datasheet
392Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
RS605 SHUNYE-RS605 Datasheet
236Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RS605

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS601M RECTRON-RS601M Datasheet
23Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
MSB601M RECTRON-MSB601M Datasheet
117Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2020-01/47 REV:O
RS601M RECTRON-RS601M_10 Datasheet
266Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
RS601L RECTRON-RS601L Datasheet
85Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2021--07 REV:C
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS1501M RECTRON-RS1501M Datasheet
31Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS801 RECTRON-RS801 Datasheet
26Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Rectron Semiconductor
MB3505 RECTRON-MB3505 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com