Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54318 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54318
Description  2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54318 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54318_1 Datasheet HTML 1Page - Texas Instruments TPS54318_1 Datasheet HTML 2Page - Texas Instruments TPS54318_1 Datasheet HTML 3Page - Texas Instruments TPS54318_1 Datasheet HTML 4Page - Texas Instruments TPS54318_1 Datasheet HTML 5Page - Texas Instruments TPS54318_1 Datasheet HTML 6Page - Texas Instruments TPS54318_1 Datasheet HTML 7Page - Texas Instruments TPS54318_1 Datasheet HTML 8Page - Texas Instruments TPS54318_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
PH
VIN
15
14
13
GND
12
11
10
9
8
7
6
5
16
GND
VIN
PH
PH
1
2
3
4
SS
Thermal
Pad
(17)
TPS54318
www.ti.com ......................................................................................................................................................................................... SLVS975 – SEPTEMBER 2009
PIN CONFIGURATION
QFN16
RTE PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
AGND
5
Analog Ground should be electrically connected to GND close to the device.
BOOT
13
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the minimum
required by the BOOT UVLO, the output is forced to switch off until the capacitor is refreshed.
COMP
7
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
components to this pin.
EN
15
Enable pin, internal pull-up current source. Pull below 1.2 V to disable. Float to enable. Can be used to set the
on/off threshold (adjust UVLO) with two additional resistors.
GND
3, 4
Power Ground. This pin should be electrically connected directly to the power pad under the IC.
PH
10, 11,
The source of the internal high side power MOSFET, and drain of the internal low side (synchronous) rectifier
12
MOSFET.
PowerPAD
17
GND pin should be connected to the exposed power pad for proper operation. This power pad should be
connected to any internal PCB ground plane using multiple vias for good thermal performance.
PWRGD
14
An open drain output, asserts low if output voltage is low due to thermal shutdown, overcurrent,
over/under-voltage or EN shut down.
RT/CLK
8
Resistor Timing or External Clock input pin.
SS
9
Slow-start. An external capacitor connected to this pin sets the output voltage rise time.
VIN
1, 2, 16
Input supply voltage, 2.95 V to 6 V.
VSENSE
6
Inverting node of the transconductance (gm) error amplifier.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS54318


Similar Part No. - TPS54318_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results

Similar Description - TPS54318_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com