Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMAC-0A38-3213 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FMAC-0A38-3213
Description  Output filter for 3-phase frequency inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMAC-0A38-3213 Datasheet(HTML) 1 Page - Schurter Inc.

  FMAC-0A38-3213 Datasheet HTML 1Page - Schurter Inc. FMAC-0A38-3213 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

3-Phase Filters
FMAC-Out
www.schurter.com/pg80
EMC Products
Output filter for 3-phase frequency inverter
Description
-Compactdesign
-Standardversionsincludeinsulatedsafetyscrewterminals
-Enhancementofthesystemefficiency
Standards
-IEC60939
-EN133200
Approvals
-VDELicenseNumber:40004669
Applications
-Voltagerating550VACforworldwideacceptance
-Motorscanbefedthroughlongcables
-Reducesthevoltageriserateofinverteroutputvoltage
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
RatedCurrent
8-32A@Ta40°C
Ratedvoltage
550VAC;50/60Hz
Approvalfor
8-32A@Ta40°C/550VAC;50Hz
OverloadCurrent
1.5xIr
LeakageCurrent
standard<0.5mA(440V/50Hz)
DielectricStrengthfor480VAC 2.25kVDCbetweenL-L
3kVDCbetweenL-PE
Testvoltage(2sec)
VoltageRiseRatedU/dt
<500V/µs
Weight
1.36-7kg
Material:Housing
Metal
SealingCompound
UL94V-0
Mounting
Screw-onmountingonchassis,from
top
Terminal
ScrewClamp
OperatingTemperature[°C]
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
DegreeofProtection
IP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
MTBF
>200'000hacc.toMIL-HB-217F
Dimensions
Case 24
I/O connections torque 0.6...0.8 Nm
1)
2)
M6
3)
max. 137
max. 100
51±0.3
max. 58
(17)
(7)
5.3±0.3
1) Inverter
2) Motor
3) Nut torque 3...4 Nm
Case 27
I/O connections torque 0.6...0.8 Nm
1)
2)
M6
3)
max. 187
max. 151
85±0.3
max. 56
(15)
6.5±0.3
(5)


Similar Part No. - FMAC-0A38-3213

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAC-091C-1610 SCHURTER-FMAC-091C-1610 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091C-2510 SCHURTER-FMAC-091C-2510 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091D-3610 SCHURTER-FMAC-091D-3610 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091D-5010 SCHURTER-FMAC-091D-5010 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091D-5510 SCHURTER-FMAC-091D-5510 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
More results

Similar Description - FMAC-0A38-3213

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAC-OUT SCHURTER-FMAC-OUT Datasheet
290Kb / 3P
   Output filter for 3-phase frequency inverter
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
   3-phase inverter
logo
Tyco Electronics
6FCD10 MACOM-6FCD10_11 Datasheet
269Kb / 5P
   3-phase Delta External Power Line Filter for Frequency Converters
logo
Semikron International
SKIIP24AC126V1 SEMIKRON-SKIIP24AC126V1 Datasheet
1Mb / 4P
   3-phase bridge inverter
SK20GD065ET SEMIKRON-SK20GD065ET Datasheet
681Kb / 4P
   3-phase bridge inverter
SKIIP25AC125V10 SEMIKRON-SKIIP25AC125V10 Datasheet
1Mb / 2P
   3-phase bridge inverter
SKIIP11AC12T4V1 SEMIKRON-SKIIP11AC12T4V1 Datasheet
248Kb / 3P
   3-phase bridge inverter
SK15GD126ET SEMIKRON-SK15GD126ET_06 Datasheet
719Kb / 4P
   3-phase bridge inverter
SK25GD126ET SEMIKRON-SK25GD126ET_06 Datasheet
696Kb / 4P
   3-phase bridge inverter
SK25GD065ET SEMIKRON-SK25GD065ET_06 Datasheet
686Kb / 4P
   3-phase bridge inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com