Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4300.5092 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 4300.5092
Description  IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4300.5092 Datasheet(HTML) 3 Page - Schurter Inc.

  4300.5092 Datasheet HTML 1Page - Schurter Inc. 4300.5092 Datasheet HTML 2Page - Schurter Inc. 4300.5092 Datasheet HTML 3Page - Schurter Inc. 4300.5092 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power Entry Modules with Line Filter
FGS
www.schurter.com/pg06
EMC Products
Technical Data of Filter-Components
Rated Current
[A]
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
1
2 x 10
47
2.2
2
2 x 4
47
2.2
4
2 x 1.5
47
2.2
6
2 x 0.8
47
2.2
10
2 x 0.3
47
2.2
Diagrams
Standard version
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
1 A
2 A
4 A
6 A
10 A
Variants
Rated Current
[A]
Mounting
Panel mounting
Terminal
Order Number
1
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5011
2
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5012
4
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5013
6
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5014
10
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5015
1
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5091
2
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5092
4
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5093
6
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5094
10
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5095
1
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5071
2
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5072
4
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5073
6
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5074
10
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5075


Similar Part No. - 4300.5092

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4300.5051 SCHURTER-4300.5051 Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
4300.5052 SCHURTER-4300.5052 Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
4300.5053 SCHURTER-4300.5053 Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
4300.5054 SCHURTER-4300.5054 Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
4300.5055 SCHURTER-4300.5055 Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
More results

Similar Description - 4300.5092

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
5120 SCHURTER-5120 Datasheet
881Kb / 6P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
C20F SCHURTER-C20F_V01 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F SCHURTER-C20F Datasheet
630Kb / 5P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
C20F SCHURTER-C20F_18 Datasheet
623Kb / 7P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_15 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com