Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC003A5F91-SR Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # SC003A5F91-SR
Description  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SC003A5F91-SR Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button SC003A5F91-SR Datasheet HTML 5Page - Lineage Power Corporation SC003A5F91-SR Datasheet HTML 6Page - Lineage Power Corporation SC003A5F91-SR Datasheet HTML 7Page - Lineage Power Corporation SC003A5F91-SR Datasheet HTML 8Page - Lineage Power Corporation SC003A5F91-SR Datasheet HTML 9Page - Lineage Power Corporation SC003A5F91-SR Datasheet HTML 10Page - Lineage Power Corporation SC003A5F91-SR Datasheet HTML 11Page - Lineage Power Corporation SC003A5F91-SR Datasheet HTML 12Page - Lineage Power Corporation SC003A5F91-SR Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
9
Characteristic Curves (continued)
The following figures provide typical characteristics for the SW003A5F91 (3.3V, 3.5A) at 25ºC. The figures are
identical for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
00.5
11.5
22.5
33.5
VI = 36V
VI = 54V
VI = 75V
OUTPUT CURRENT, Io (A)
TIME, t (1.0ms/div)
Figure 19. Converter Efficiency Vs Load.
Figure 22. Typical Start-Up Using Remote On/Off,
negative logic version shown.
0
1
2
3
4
0
10
203040
50
607080
90
100
110
3.0m/s (600ft/min)
2.0m/s (400ft/min)
1.0m/s (200ft/min)
Natural Convection
AMBIENT TEMPERATURE, TA
OC
TIME, t (1.0ms/div)
Figure 20. Derating Output Current versus Local
Ambient Temperature and Airflow.
Figure 23. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
TIME, t (2
μs/div)
TIME, t (100
μs/div)
Figure 21. Typical Output Ripple and Noise, VIN=VIN,
nom IO=80% of IO, max.
Figure 24. Typical Start-Up Output Voltage Rise
Characteristic.


Similar Part No. - SC003A5F91-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SC003A5F91-SR LINEAGEPOWER-SC003A5F91-SR Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SC003A5F91-SRZ LINEAGEPOWER-SC003A5F91-SRZ Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SC003A5F91-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
logo
List of Unclassifed Man...
SHHD003A0A ETC2-SHHD003A0A Datasheet
865Kb / 16P
   SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com