Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW003A5F94Z Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # SW003A5F94Z
Description  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW003A5F94Z Datasheet(HTML) 5 Page - Lineage Power Corporation

  SW003A5F94Z Datasheet HTML 1Page - Lineage Power Corporation SW003A5F94Z Datasheet HTML 2Page - Lineage Power Corporation SW003A5F94Z Datasheet HTML 3Page - Lineage Power Corporation SW003A5F94Z Datasheet HTML 4Page - Lineage Power Corporation SW003A5F94Z Datasheet HTML 5Page - Lineage Power Corporation SW003A5F94Z Datasheet HTML 6Page - Lineage Power Corporation SW003A5F94Z Datasheet HTML 7Page - Lineage Power Corporation SW003A5F94Z Datasheet HTML 8Page - Lineage Power Corporation SW003A5F94Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
1.0
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
1.2
V
Logic High Voltage – (Typ = Open Collector)
All
Von/off
5.8
15
V
Logic High maximum allowable leakage current
All
Ion/off
50
μA
Turn-On Delay and Rise Times
(IO=80% of IO, max, TA=25°C)
Case 1: On/Off input is set ON and then input
power is applied (Tdelay = from instant at which
VIN=VIN, min until VO = 10% of VO, set).
All
Tdelay
Case1
20
50
ms
Case 2: Input power is applied for at least 1
second and then On/Off input is set from OFF to
ON (Tdelay = from instant at which VIN=VIN, min until
VO = 10% of VO, set).
All
Tdelay
Case2
20
50
ms
T rise = time for VO to rise from 10% of VO, set to
90% of VO, set.
All
Trise
0.1
1
ms
T rise = time for VO to rise from 10% of VO, set to
90% of VO, set with max ext capacitance
All
Trise
1.5
ms
Output Voltage Overshoot
3
% VO, set
(IO=80% of IO, max, VIN= 54V, TA=25°C)
Output Overvoltage Protection
15V
VO, limit
16.6
21.0
V
12V
VO, limit
13.3
16.0
V
5.0V
VO, limit
5.6
7.0
V
3.3V
VO, limit
3.7
5.4
V
Input Undervoltage Lockout
Turn-on Threshold
SW
Vuv/on
33
36
V
Turn-off Threshold
SW
Vuv/off
27.5
30.5
V
Hysterisis
SW
Vhyst
2.5
V
Turn-on Threshold
SC
Vuv/on
17
18
V
Turn-off Threshold
SC
Vuv/off
13.5
14.5
V
Hystersis
SC
Vhyst
3.0
V


Similar Part No. - SW003A5F94Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW003A5F94Z LINEAGEPOWER-SW003A5F94Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SW003A5F94Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
logo
List of Unclassifed Man...
SHHD003A0A ETC2-SHHD003A0A Datasheet
865Kb / 16P
   SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com