Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2020CPA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG2020CPA
Description  2 A low VF dual MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2020CPA Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG2020CPA Datasheet HTML 1Page - NXP Semiconductors PMEG2020CPA Datasheet HTML 2Page - NXP Semiconductors PMEG2020CPA Datasheet HTML 3Page - NXP Semiconductors PMEG2020CPA Datasheet HTML 4Page - NXP Semiconductors PMEG2020CPA Datasheet HTML 5Page - NXP Semiconductors PMEG2020CPA Datasheet HTML 6Page - NXP Semiconductors PMEG2020CPA Datasheet HTML 7Page - NXP Semiconductors PMEG2020CPA Datasheet HTML 8Page - NXP Semiconductors PMEG2020CPA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier in
common cathode configuration with an integrated guard ring for stress protection,
encapsulated in a SOT1061 leadless small Surface-Mounted Device (SMD) plastic
package with medium power capability.
1.2 Features and benefits
Average forward current: IF(AV)
≤ 2A
Reverse voltage: VR
≤ 20 V
Low forward voltage
Exposed heat sink (cathode pad) for excellent thermal and electrical conductivity
Leadless small SMD plastic package with medium power capability
AEC-Q101 qualified
1.3 Applications
Low voltage rectification
High efficiency DC-to-DC conversion
Switch Mode Power Supply (SMPS)
Reverse polarity protection
Low power consumption applications
Battery chargers for mobile equipment
1.4 Quick reference data
[1]
Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
PMEG2020CPA
2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 — 5 August 2010
Product data sheet
Table 1.
Quick reference data
Tj =25
°C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF(AV)
average forward
current
square wave;
δ = 0.5; f = 20 kHz
Tamb
≤ 80 °C
[1] --
2
A
Tsp
≤ 140 °C-
-
2
A
VR
reverse voltage
-
-
20
V
VF
forward voltage
IF = 2 A
-
385
420
mV
IR
reverse current
VR = 20 V
-
380
1000
μA


Similar Part No. - PMEG2020CPA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2020CPA NEXPERIA-PMEG2020CPA Datasheet
432Kb / 16P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 - 5 August 2010
PMEG2020CPAS NEXPERIA-PMEG2020CPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF dual MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020CPAS PHILIPS-PMEG2020CPAS_15 Datasheet
231Kb / 15P
   20 V, 2 A low VF dual MEGA Schottky barrier rectifier
20 January 2015
PMEG2020CPA PHILIPS-PMEG2020CPA_15 Datasheet
333Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-5 August 2010
More results

Similar Description - PMEG2020CPA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020CPA PHILIPS-PMEG3020CPA_15 Datasheet
346Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-24 August 2010
logo
Nexperia B.V. All right...
PMEG2020CPA NEXPERIA-PMEG2020CPA Datasheet
432Kb / 16P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 - 5 August 2010
logo
NXP Semiconductors
PMEG2020CPA PHILIPS-PMEG2020CPA_15 Datasheet
333Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-5 August 2010
logo
Nexperia B.V. All right...
PMEG3020CPA NEXPERIA-PMEG3020CPA Datasheet
446Kb / 16P
   2 A low VF dual MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3020EPA NXP-PMEG3020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 December 2009
PMEG3020BER NXP-PMEG3020BER Datasheet
99Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG4020EPA NXP-PMEG4020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 December 2009
PMEG6020EPA PHILIPS-PMEG6020EPA Datasheet
164Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2-17 June 2010
PMEG3020CEP PHILIPS-PMEG3020CEP_15 Datasheet
98Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
logo
Nexperia B.V. All right...
PMEG6020EPA NEXPERIA-PMEG6020EPA Datasheet
277Kb / 15P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 17 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com