Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMA199 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # KMA199
Description  Programmable angle sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA199 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button KMA199 Datasheet HTML 12Page - NXP Semiconductors KMA199 Datasheet HTML 13Page - NXP Semiconductors KMA199 Datasheet HTML 14Page - NXP Semiconductors KMA199 Datasheet HTML 15Page - NXP Semiconductors KMA199 Datasheet HTML 16Page - NXP Semiconductors KMA199 Datasheet HTML 17Page - NXP Semiconductors KMA199 Datasheet HTML 18Page - NXP Semiconductors KMA199 Datasheet HTML 19Page - NXP Semiconductors KMA199 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
KMA199_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 26 April 2010
16 of 36
NXP Semiconductors
KMA199
Programmable angle sensor
Angular error can be expressed by Equation 5 to Equation 8:
for |
α
1 − α0| ≤ 1°
(5)
for 1
° < |α
1 − α0| < α*
(6)
for |
α
1 − α0| ≥ α*
(7)
with:
(8)
13. Programming
13.1 General description
The KMA199 provides an OWI to enable programming of the device which uses
pin OUT/DATA bidirectionally.
In general the device runs in analog output mode, the normal operating mode. This mode
is configured by the embedded programming data and is started after a power-on reset
once time ton has elapsed. In this mode, the magnetic field angle is converted into the
corresponding output voltage.
Command mode has to be entered to enable programming. In this mode, the customer
can adjust all required parameters (for example zero angle and angular range) to meet the
application requirements. After enabling the internal charge pump and waiting for tcp the
data is stored in the EEPROM. After changing the contents of the EEPROM, the
checksum must be recalculated and written (see Section 13.4).
In order to enter the command mode, a specific command sequence must be send after a
power-on reset and during the time slot tcmd(ent). The external source used to send the
command sequence must overdrive the output buffer of the KMA199 (I > Iod).
φ
Δ
ang
φ
Δ μ
lin
Δφ
temp RT
+
=
φ
Δ
ang
φ
Δ μ
lin
Δφ
temp RT
+
m
ang
α
1
α
0
1
°
()
×
+
=
φ
Δ
ang
φ
Δ
lin
()2
Δφ
temp RT
()2
+
=
α∗
φ
Δ
ang(peak)
φ
Δ μ
lin
Δφ
temp RT
+
m
ang
-----------------------------------------------------------------------------------
α
0
1
°
++
=


Similar Part No. - KMA199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
More results

Similar Description - KMA199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
   Programmable angle sensor
Rev. 05-16 August 2005
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
   Programmable angle sensor
Rev. 1-16 July 2013
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
   Programmable angle sensor
Rev. 2-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com