Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA18272HNM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA18272HNM
Description  Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18272HNM Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA18272HNM Datasheet HTML 1Page - NXP Semiconductors TDA18272HNM Datasheet HTML 2Page - NXP Semiconductors TDA18272HNM Datasheet HTML 3Page - NXP Semiconductors TDA18272HNM Datasheet HTML 4Page - NXP Semiconductors TDA18272HNM Datasheet HTML 5Page - NXP Semiconductors TDA18272HNM Datasheet HTML 6Page - NXP Semiconductors TDA18272HNM Datasheet HTML 7Page - NXP Semiconductors TDA18272HNM Datasheet HTML 8Page - NXP Semiconductors TDA18272HNM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TDA18272HN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 11 August 2010
5 of 10
NXP Semiconductors
TDA18272HN
Hybrid Silicon Tuner for terrestrial and cable TV reception
6.
Limiting values
[1]
The maximum allowed ambient temperature Tamb(max) depends on the assembly conditions of the package and especially on the design
of the Printed-Circuit Board (PCB) and die connection. The application mounting must be done in such a way that the maximum junction
temperature is never exceeded. The junction temperature can be obtained by reading the temperature sensor bit via I2C-bus. The
junction temperature: Tj = Tamb +
ΔTj-c. where ΔTj-c = power × Rth.
[2]
Class III: 500 V to 1000 V.
7.
Abbreviations
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+3.6
V
VI
input voltage
pins SDA and SCL
−0.3
+3.6
V
all other pins:
VCC <3.3 V
−0.3
VCC +0.3 V
VCC >3.3 V
−0.3
+3.6
V
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−20
[1]
°C
VESD
electrostatic discharge voltage
EIA/JESD22-A114 (human body model)
−2+2
kV
EIA/JESD22-C101-C (FCDM) class III[2]
750
-
V
Table 4.
Abbreviations
Acronym
Description
AGC
Automatic Gain Control
AGCK
Automatic Gain Control number K
CB
Citizens’ Band
DVB
Digital Video Broadcasting
DVB-T/T2/C/H
DVB-Terrestrial/Terrestrial second generation/Cable/Handheld
ESD
ElectroStatic Discharge
FCDM
Field-Induced Charged-Device Model
FRAC-N
FRACtional-N
IC
Integrated Circuit
IF
Intermediate Frequency
IRQ
Interrupt ReQuest
LC-VCO
Inductors and Capacitors - Voltage Controlled Oscillator
LNA
Low-Noise Amplifier
LO
Local Oscillator
PCB
Printed Circuit Board
RF
Radio Frequency
RoHS
Restriction on Hazardous Substances
SAW
Surface Acoustic Wave


Similar Part No. - TDA18272HNM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
TDA18271HD NXP-TDA18271HD Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD/C2 NXP-TDA18271HD/C2 Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
TDA18271HD/C2 NXP-TDA18271HD/C2 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
More results

Similar Description - TDA18272HNM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
NXP Semiconductors
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com