Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW001A2B9Z Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # SW001A2B9Z
Description  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW001A2B9Z Datasheet(HTML) 1 Page - Lineage Power Corporation

  SW001A2B9Z Datasheet HTML 1Page - Lineage Power Corporation SW001A2B9Z Datasheet HTML 2Page - Lineage Power Corporation SW001A2B9Z Datasheet HTML 3Page - Lineage Power Corporation SW001A2B9Z Datasheet HTML 4Page - Lineage Power Corporation SW001A2B9Z Datasheet HTML 5Page - Lineage Power Corporation SW001A2B9Z Datasheet HTML 6Page - Lineage Power Corporation SW001A2B9Z Datasheet HTML 7Page - Lineage Power Corporation SW001A2B9Z Datasheet HTML 8Page - Lineage Power Corporation SW001A2B9Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Converter Power Modules:
18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
§ This product is intended for integration into end-use equipment. All of the required procedures of end-use equipment should be followed.
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS03-086 ver. 1.91
PDF name: sw001-002-003_series.pdf
Applications
Wireless Networks
Distributed power architectures
Optical and Access Network Equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC)
and Microprocessor powered applications
Options
Remote On/Off logic (positive or negative), pin
optional for TH version (Suffix 1 or 4)
Output voltage adjustment-Trim, pin optional
for TH version (Suffix 9)
Surface Mount/Tape and Reel (-SR Suffix)
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Delivers up to 3.5A Output current
15V (1A), 12V (1.25A), 5.0V (3A) and 3.3V (3.5A)
High efficiency – 86% at 5.0V full load (VIN=54 Vdc)
Low output ripple and noise
Small Size and low profile
27.94mm x 24.38mm x 8.5mm
(1.10 x 0.96 x 0.335 in)
Industry Standard pin-out:
TH version is LW series compatible
Surface mount (SMT) or Through hole (TH)
Remote On/Off (optional pin on TH version)
Output overcurrent/voltage protection
Single Tightly regulated output
Output voltage adjustment trim
±10%
Wide operating temperature range (-40°C to 85°C)
Meets the voltage insulation requirements for ETSI
300-132-2 and complies with and is Licensed for
Basic Insulation rating per EN 60950
CE mark meets the 2006/95/EC directive
§
UL
* 60950-1Recognized, CSA
C22.2 No. 60950-1-
03 Certified, and VDE
0805: (IEC60950, 3rd
Edition) Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Approved for Basic Insulation
Description
The SW/SC series power modules are isolated dc-dc converters that operate over a wide range of input voltage (VIN
= 18 - 36Vdc for SC modules and VIN = 36 – 75Vdc for SW modules) and provide a single precisely regulated
output. This series is a low cost, smaller size alternative to the existing LW/LAW/LC with enhanced performance
parameters. The output is fully isolated from the input, allowing versatile polarity configurations and grounding
connections. The modules exhibit high efficiency, typical efficiency of 86% for 5.0V/3A. Built-in filtering for both
input and output minimizes the need for external filtering.
RoHS Compliant


Similar Part No. - SW001A2B9Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A2B9Z LINEAGEPOWER-SW001A2B9Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SW001A2B9Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
logo
List of Unclassifed Man...
SHHD003A0A ETC2-SHHD003A0A Datasheet
865Kb / 16P
   SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com