Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW001A2B Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # SW001A2B
Description  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW001A2B Datasheet(HTML) 2 Page - Lineage Power Corporation

  SW001A2B Datasheet HTML 1Page - Lineage Power Corporation SW001A2B Datasheet HTML 2Page - Lineage Power Corporation SW001A2B Datasheet HTML 3Page - Lineage Power Corporation SW001A2B Datasheet HTML 4Page - Lineage Power Corporation SW001A2B Datasheet HTML 5Page - Lineage Power Corporation SW001A2B Datasheet HTML 6Page - Lineage Power Corporation SW001A2B Datasheet HTML 7Page - Lineage Power Corporation SW001A2B Datasheet HTML 8Page - Lineage Power Corporation SW001A2B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage (Continuous)
SW
VIN
-0.3
80
Vdc
SC
VIN
-0.3
50
Transient (100ms)
All
VIN, trans
-0.3
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
2250
Vdc
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
SW
VIN
36
54
75
Vdc
SC
VIN
18
27
36
Vdc
Maximum Input Current (VIN=0V to 75V, IO=IO, max)
SW
IIN,max
0.6
Adc
(VIN=0V to 36V, IO=IO, max)
SC
IIN,max
1.2
Adc
Inrush Transient
All
I
2t
0.05
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN=0V to
75V, IO= IOmax ; see Test configuration section)
All
30
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB
EMC, EN55022
See EMC Considerations section
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to being
part of complex power architecture. To preserve maximum flexibility, internal fusing is not included; however, to
achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a fast-
acting fuse with a maximum rating of 3A (see Safety Considerations section). Based on the information provided in
this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be
used. Refer to the fuse manufacturer’s data sheet for further information.


Similar Part No. - SW001A2B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A2B LINEAGEPOWER-SW001A2B Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B9 LINEAGEPOWER-SW001A2B9 Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B91 LINEAGEPOWER-SW001A2B91 Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B91-33Z LINEAGEPOWER-SW001A2B91-33Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B91-SR LINEAGEPOWER-SW001A2B91-SR Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SW001A2B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
logo
List of Unclassifed Man...
SHHD003A0A ETC2-SHHD003A0A Datasheet
865Kb / 16P
   SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com