Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS203L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RS203L
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS203L Datasheet(HTML) 1 Page - Rectron Semiconductor

  RS203L Datasheet HTML 1Page - Rectron Semiconductor RS203L Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Ideal for printed circuit board
* Surge overload rating: 50 amperes peak
* Mounting position: Any
* Weight: 2.74 grams
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RS201L
THRU
RS207L
RS-2L
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Output Current TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
T J
C J
VRMS
Volts
Volts
Amps
2.0
60
15
-55 to + 125
Amps
0 C
pF
UNITS
Storage Temperature Range
T STG
-55 to + 150
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
RS201L
RS202L
RS203L
RS204L RS205L
RS206L
RS207L
Volts
Maximum Reverse Current at Rated
CHARACTERISTICS
Dc Blocking Voltage per element
VF
SYMBOL
IR
1.1
0.5
Maximum Forward Voltage Drop per Bridgeat
Volts
@TA = 25
oC
@TA = 100
oC
10
Element at 2.0A DC
uAmps
mAmps
UNITS
RS201L
RS202L
RS203L
RS204L RS205L
RS206L
RS207L
.710 (18.0)
.670 (17.0)
.528 (13.4)
.488 (12.4)
(20.0)
(3.2)
.787
.125
.566 (14.4)
.528 (13.4)
.035 (0.9) DIA.
.028 (0.7) TYP.
.160 (4.1)
.140 (3.6)
.260 (6.6)
.240 (6.1)
AC
MECHANICAL DATA


Similar Part No. - RS203L

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RS203L BILIN-RS203L Datasheet
80Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
WILLAS ELECTRONIC CORP
RS203L WILLAS-RS203L Datasheet
204Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Shenzhen Luguang Electr...
RS203L LUGUANG-RS203L Datasheet
157Kb / 2P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
RS203L DSK-RS203L Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS203L ZSELEC-RS203L Datasheet
83Kb / 2P
   2.0A BRIDGE RECTIFIER
More results

Similar Description - RS203L

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
RS201L WILLAS-RS201L Datasheet
204Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Kingtronics Internation...
KBP2005-KBP210 KINGTRONICS-KBP2005-KBP210_16 Datasheet
317Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Rectron Semiconductor
RS201M RECTRON-RS201M Datasheet
44Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Kingtronics Internation...
BR25005W-BR2510W KINGTRONICS-BR25005W-BR2510W Datasheet
352Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
W005-W10M KINGTRONICS-W005-W10M Datasheet
359Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
BR25005-BR2510 KINGTRONICS-BR25005-BR2510 Datasheet
451Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410_16 Datasheet
334Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
KBPC35005-KBPC3510 KINGTRONICS-KBPC35005-KBPC3510_16 Datasheet
371Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35.0 Ampere
KBPC25005-KBPC2510 KINGTRONICS-KBPC25005-KBPC2510_16 Datasheet
460Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com