Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCK68HC16Z1CPV16 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MCK68HC16Z1CPV16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCK68HC16Z1CPV16 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MCK68HC16Z1CPV16 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV16 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV16 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV16 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV16 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV16 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV16 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV16 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV16 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 500 page
background image
INTRODUCTION
M68HC16 Z SERIES
1-2
USER’S MANUAL
System hardware and software allow changes in clock rate during operation. Because
the MCUs are a fully static design, register and memory contents are not affected by
clock rate changes.
High-density complementary metal-oxide semiconductor (HCMOS) architecture
makes the basic power consumption low. Power consumption can be minimized by
stopping the system clocks. The M68HC16 instruction set includes a low-power stop
(LPSTOP) command that efficiently implements this capability. Individual stop bits in
each module allow for selective power reduction.
Documentation for the Modular Microcontroller Family follows the modular construc-
tion of the devices in the product line. Each device has a comprehensive user’s man-
ual that provides sufficient information for normal operation of the device. The user’s
manual is supplemented by module reference manuals that provide detailed informa-
tion about module operation and applications. Refer to Freescale publication
Advanced
Microcontroller Unit (AMCU) Literature (BR1116/D) for a complete list of documenta-
tion to supplement this manual.
Table 1-2 Z-Series MCU Reference Frequencies
MCU
Nominal Reference Frequency1
NOTES:
1. The nominal slow reference frequency is 32.768 kHz, but can range from
20 to 50 kHz. The nominal fast reference frequency is 4.194 MHz, but can
range from 1MHz to 6.25 MHz.
Slow
(32.768 kHz)
Fast
(4.194 MHz)
MC68HC16Z1
X
MC68CM16Z1
—X
MC68CK16Z1
X
MC68HC16Z2
X
MC68HC16Z3
X
MC68HC16Z4
X
MC68CK16Z4
X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCK68HC16Z1CPV16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCK68HC16Z1CPV16 FREESCALE-MCK68HC16Z1CPV16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
MCK68HC16Z1CPV16 FREESCALE-MCK68HC16Z1CPV16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
More results

Similar Description - MCK68HC16Z1CPV16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com