Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCK68HC16Z1CFC16 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCK68HC16Z1CFC16 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MCK68HC16Z1CFC16 Datasheet HTML 90Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 91Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 92Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 93Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 94Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 95Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 96Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 97Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-34
USER’S MANUAL
Figure 4-4 Basic Instruction Formats
4.10 Execution Model
This description builds up a conceptual model of the mechanism the CPU16 uses to
fetch and execute instructions. The functional divisions in the model do not necessarily
correspond to physical subunits of the microprocessor.
As shown in Figure 4-5, there are three functional blocks involved in fetching, decod-
ing, and executing instructions. These are the microsequencer, the instruction pipe-
line, and the execution unit. These elements function concurrently. All three may be
active at any given time.
8-Bit Opcode with 8-Bit Operand
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Opcode
Operand
8-Bit Opcode with 4-Bit Index Extensions
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Opcode
X Extension
Y Extension
8-Bit Opcode, Argument(s)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Opcode
Operand
Operand(s)
Operand(s)
8-Bit Opcode with 8-Bit Prebyte, No Argument
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Prebyte
Opcode
8-Bit Opcode with 8-Bit Prebyte, Argument(s)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Prebyte
Opcode
Operand(s)
Operand(s)
8-Bit Opcode with 20-Bit Argument
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Opcode
$0
Extension
Operand
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCK68HC16Z1CFC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCK68HC16Z1CFC16 FREESCALE-MCK68HC16Z1CFC16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
MCK68HC16Z1CFC16 FREESCALE-MCK68HC16Z1CFC16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
More results

Similar Description - MCK68HC16Z1CFC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com