Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 90 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-30
USER’S MANUAL
Table 4-3 Instruction Set Abbreviations and Symbols
A — Accumulator A
X — Register used in operation
AM — Accumulator M
M — Address of one memory byte
B — Accumulator B
M
+1 — Address of byte at M + $0001
CCR — Condition code register
M
: M + 1 — Address of one memory word
D — Accumulator D
(
…)X — Contents of address pointed to by IX
E — Accumulator E
(
...)Y — Contents of address pointed to by IY
EK — Extended addressing extension field
(
...)Z — Contents of address pointed to by IZ
IR — MAC multiplicand register
E, X — IX with E offset
HR — MAC multiplier register
E, Y — IY with E offset
IX — Index register X
E, Z — IZ with E offset
IY — Index register Y
EXT — Extended
IZ — Index register Z
EXT20 — 20-bit extended
K — Address extension register
IMM8 — 8-bit immediate
PC — Program counter
IMM16 — 16-bit immediate
PK — Program counter extension field
IND8, X — IX with unsigned 8-bit offset
SK — Stack pointer extension field
IND8, Y — IY with unsigned 8-bit offset
SL — Multiply and accumulate sign latch
IND8, Z — IZ with unsigned 8-bit offset
SP — Stack pointer
IND16, X — IX with signed 16-bit offset
XK — Index register X extension field
IND16, Y — IY with signed 16-bit offset
YK — Index register Y extension field
IND16, Z — IZ with signed 16-bit offset
ZK — Index register Z extension field
IND20, X — IX with signed 20-bit offset
XMSK — Modulo addressing index register X mask
IND20, Y — IY with signed 20-bit offset
YMSK — Modulo addressing index register Y mask
IND20, Z — IZ with signed 20-bit offset
S — Stop disable control bit
INH — Inherent
MV — AM overflow indicator
IXP — Post-modified indexed
H — Half carry indicator
REL8 — 8-bit relative
EV — AM extended overflow indicator
REL16 — 16-bit relative
N — Negative indicator
b — 4-bit address extension
Z — Zero indicator
ff — 8-bit unsigned offset
V — Two’s complement overflow indicator
gggg — 16-bit signed offset
C — Carry/borrow indicator
hh — High byte of 16-bit extended address
IP — Interrupt priority field
ii — 8-bit immediate data
SM — Saturation mode control bit
jj — High byte of 16-bit immediate data
PK — Program counter extension field
kk — Low byte of 16-bit immediate data
— — Bit not affected
ll — Low byte of 16-bit extended address
∆ — Bit changes as specified
mm — 8-bit mask
0 — Bit cleared
mmmm — 16-bit mask
1 — Bit set
rr — 8-bit unsigned relative offset
M — Memory location used in operation
rrrr — 16-bit signed relative offset
R — Result of operation
xo — MAC index register X offset
S — Source data
yo — MAC index register Y offset
z — 4-bit zero extension
+ — Addition
• — AND
− — Subtraction or negation (two’s complement)
' — Inclusive OR (OR)
∗ — Multiplication
⊕ — Exclusive OR (EOR)
/ — Division
NOT — Complementation
> — Greater
: — Concatenation
< — Less
⇒ — Transferred
= — Equal
⇔ — Exchanged
≥ — Equal or greater
± — Sign bit; also used to show tolerance
≤ — Equal or less
« — Sign extension
≠ — Not equal
% — Binary value
$ — Hexadecimal value
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn