Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 86 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-26
USER’S MANUAL
STAB
Store B
(B)
⇒ M
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
CA
DA
EA
17CA
17DA
17EA
17FA
27CA
27DA
27EA
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
4
4
4
——
∆∆
0—
STD
Store D
(D)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
8A
9A
AA
37CA
37DA
37EA
37FA
278A
279A
27AA
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
6
6
6
——
∆∆
0—
STE
Store E
(E)
⇒ M : M + 1
IND16, X
IND16, Y
IND16, Z
EXT
374A
375A
376A
377A
gggg
gggg
gggg
hh ll
6
6
6
6
——
∆∆
0—
STED
Store Concatenated
D and E
(E)
⇒ M : M + 1
(D)
⇒ M + 2 : M + 3
EXT
2773
hh ll
8
————
STS
Store Stack Pointer
(SP)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
8F
9F
AF
178F
179F
17AF
17BF
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
——
∆∆
0—
STX
Store IX
(IX)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
8C
9C
AC
178C
179C
17AC
17BC
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
——
∆∆
0—
STY
Store IY
(IY)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
8D
9D
AD
178D
179D
17AD
17BD
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
——
∆∆
0—
STZ
Store Z
(IZ)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
8E
9E
AE
178E
179E
17AE
17BE
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
——
∆∆
0—
SUBA
Subtract from A
(A)
− (M) ⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
40
50
60
70
1740
1750
1760
1770
2740
2750
2760
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆∆∆
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn