Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 85 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-25
RORW
Rotate Right Word
IND16, X
IND16, Y
IND16, Z
EXT
270E
271E
272E
273E
gggg
gggg
gggg
hh ll
8
8
8
8
——
∆∆∆∆
RTI
3
Return from Interrupt
(SK
: SP) + 2 ⇒ SK : SP
Pull CCR
(SK
: SP) + 2 ⇒ SK : SP
Pull PC
(PK
: PC) − 6 ⇒ PK : PC
INH
2777
12
∆∆∆∆
RTS
4
Return from Subrou-
tine
(SK : SP) + 2
⇒ SK : SP
Pull PK
(SK : SP) + 2
⇒ SK : SP
Pull PC
(PK : PC)
− 2 ⇒ PK : PC
INH
27F7
12
————
SBA
Subtract B from A
(A)
− (B) ⇒ A
INH
370A
2
∆∆∆∆
SBCA
Subtract with Carry
from A
(A)
− (M) − C ⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
42
52
62
72
1742
1752
1762
1772
2742
2752
2762
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆∆∆
SBCB
Subtract with Carry
from B
(B)
− (M) − C ⇒ B
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
C2
D2
E2
F2
17C2
17D2
17E2
17F2
27C2
27D2
27E2
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆∆∆
SBCD
Subtract with Carry
from D
(D)
− (M : M + 1) − C ⇒ D
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
82
92
A2
37B2
37C2
37D2
37E2
37F2
2782
2792
27A2
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
6
6
6
——
∆∆∆∆
SBCE
Subtract with Carry
from E
(E)
− (M : M + 1) − C ⇒ E
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3732
3742
3752
3762
3772
jj kk
gggg
gggg
gggg
hh ll
4
6
6
6
6
——
∆∆∆∆
SDE
Subtract D from E
(E)
− (D)⇒ E
INH
2779
2
∆∆∆∆
STAA
Store A
(A)
⇒ M
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
4A
5A
6A
174A
175A
176A
177A
274A
275A
276A
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
4
4
4
——
∆∆
0—
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn