Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 83 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-23
ORAA
OR A
(A) ' (M)
⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
47
57
67
77
1747
1757
1767
1777
2747
2757
2767
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆
0—
ORAB
OR B
(B) ' (M)
⇒ B
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
C7
D7
E7
F7
17C7
17D7
17E7
17F7
27C7
27D7
27E7
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆
0—
ORD
OR D
(D) ' (M : M + 1)
⇒ D
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
87
97
A7
37B7
37C7
37D7
37E7
37F7
2787
2797
27A7
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
6
6
6
——
∆∆
0—
ORE
OR E
(E) ' (M : M
+ 1) ⇒ E
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3737
3747
3757
3767
3777
jj kk
gggg
gggg
gggg
hh ll
4
6
6
6
6
——
∆∆
0—
ORP 1
OR Condition Code
Register
(CCR) ' IMM16
⇒ CCR
IMM16
373B
jj kk
4
∆∆∆∆
PSHA
Push A
(SK : SP) + $0001
⇒ SK : SP
Push (A)
(SK : SP)
− $0002 ⇒ SK:SP
INH
3708
4
————
PSHB
Push B
(SK : SP) + $0001
⇒ SK : SP
Push (B)
(SK : SP)
− $0002 ⇒ SK:SP
INH
3718
4
————
PSHM
Push Multiple
Registers
Mask bits:
0 = D
1 = E
2 = IX
3 = IY
4 = IZ
5 = K
6 = CCR
7 = (Reserved)
For mask bits 0 to 7:
If mask bit set
Push register
(SK : SP)
− 2 ⇒ SK : SP
IMM8
34
ii
4
+ 2N
N =
number of
registers
pushed
————
PSHMAC
Push MAC Registers
MAC Registers
⇒ Stack
INH
27B8
14
————
PULA
Pull A
(SK : SP) + $0002
⇒ SK : SP
Pull (A)
(SK : SP) – $0001
⇒ SK : SP
INH
3709
6
————
PULB
Pull B
(SK : SP) + $0002
⇒ SK : SP
Pull (B)
(SK : SP) – $0001
⇒ SK : SP
INH
3719
6
————
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn