Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 80 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-20
USER’S MANUAL
JMP
Jump
〈ea〉⇒ PK : PC
EXT20
IND20, X
IND20, Y
IND20, Z
7A
4B
5B
6B
zb hh ll
zg gggg
zg gggg
zg gggg
6
8
8
8
————
JSR
Jump to Subroutine
Push (PC)
(SK
: SP) − $0002 ⇒ SK : SP
Push (CCR)
(SK
: SP) − $0002 ⇒ SK : SP
〈ea〉⇒ PK : PC
EXT20
IND20, X
IND20, Y
IND20, Z
FA
89
99
A9
zb hh ll
zg gggg
zg gggg
zg gggg
10
12
12
12
————
LBCC2
Long Branch if Carry
Clear
If C = 0, branch
REL16
3784
rrrr
6, 4
————
LBCS2
Long Branch if Carry
Set
If C = 1, branch
REL16
3785
rrrr
6, 4
————
LBEQ2
Long Branch if Equal
to Zero
If Z = 1, branch
REL16
3787
rrrr
6, 4
————
LBEV2
Long Branch if EV Set
If EV = 1, branch
REL16
3791
rrrr
6, 4
————
LBGE2
Long Branch if Greater
Than or Equal to Zero
If N
⊕ V = 0, branch
REL16
378C
rrrr
6, 4
————
LBGT2
Long Branch if Greater
Than Zero
If Z ' (N
⊕ V) = 0, branch
REL16
378E
rrrr
6, 4
————
LBHI 2
Long Branch if Higher
If C ' Z = 0, branch
REL16
3782
rrrr
6, 4
————
LBLE2
Long Branch if Less
Than or Equal to Zero
If Z ' (N
⊕ V) = 1, branch
REL16
378F
rrrr
6, 4
————
LBLS2
Long Branch if Lower
or Same
If C ' Z = 1, branch
REL16
3783
rrrr
6, 4
————
LBLT2
Long Branch if Less
Than Zero
If N
⊕ V = 1, branch
REL16
378D
rrrr
6, 4
————
LBMI2
Long Branch if Minus
If N = 1, branch
REL16
378B
rrrr
6, 4
————
LBMV2
Long Branch if MV Set
If MV = 1, branch
REL16
3790
rrrr
6, 4
————
LBNE2
Long Branch if Not
Equal to Zero
If Z
= 0, branch
REL16
3786
rrrr
6, 4
————
LBPL2
Long Branch if Plus
If N = 0, branch
REL16
378A
rrrr
6, 4
————
LBRA
Long Branch Always
If 1 = 1, branch
REL16
3780
rrrr
6
————
LBRN
Long Branch Never
If 1 = 0, branch
REL16
3781
rrrr
6
————
LBSR
Long Branch to
Subroutine
Push (PC)
(SK : SP)
− 2 ⇒ SK : SP
Push (CCR)
(SK : SP)
− 2 ⇒ SK : SP
(PK : PC) + Offset
PK : PC
REL16
27F9
rrrr
10
————
LBVC2
Long Branch if
Overflow Clear
If V = 0, branch
REL16
3788
rrrr
6, 4
————
LBVS2
Long Branch if
Overflow Set
If V = 1, branch
REL16
3789
rrrr
6, 4
————
LDAA
Load A
(M)
⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
45
55
65
75
1745
1755
1765
1775
2745
2755
2765
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆
0—
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn