Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 79 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-19
EDIVS
Extended Signed
Integer Divide
(E : D)
/ (IX)
Quotient
⇒ IX
Remainder
⇒ D
INH
3729
38
∆∆∆∆
EMUL
Extended Unsigned
Multiply
(E)
∗ (D) ⇒ E : D
INH
3725
10
∆∆ — ∆
EMULS
Extended Signed
Multiply
(E)
∗ (D) ⇒ E : D
INH
3726
8
∆∆ — ∆
EORA
Exclusive OR A
(A)
⊕ (M) ⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
44
54
64
74
1744
1754
1764
1774
2744
2754
2764
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆
0—
EORB
Exclusive OR B
(B)
⊕ (M) ⇒ B
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
C4
D4
E4
F4
17C4
17D4
17E4
17F4
27C4
27D4
27E4
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆
0—
EORD
Exclusive OR D
(D)
⊕ (M : M + 1) ⇒ D
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
84
94
A4
37B4
37C4
37D4
37E4
37F4
2784
2794
27A4
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
6
6
6
——
∆∆
0—
EORE
Exclusive OR E
(E)
⊕ (M : M + 1) ⇒ E
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3734
3744
3754
3764
3774
jj kk
gggg
gggg
gggg
hh ll
4
6
6
6
6
——
∆∆
0—
FDIV
Fractional
Unsigned Divide
(D) / (IX)
⇒ IX
Remainder
⇒ D
INH
372B
22
∆∆∆
FMULS
Fractional Signed
Multiply
(E)
∗ (D) ⇒ E : D[31:1]
0
⇒ D[0]
INH
3727
8
∆∆∆∆
IDIV
Integer Divide
(D)
/ (IX) ⇒ IX
Remainder
⇒ D
INH
372A
22
0
INC
Increment Memory
(M)
+ $01 ⇒ M
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
03
13
23
1703
1713
1723
1733
ff
ff
ff
gggg
gggg
gggg
hh ll
8
8
8
8
8
8
8
——
∆∆∆ —
INCA
Increment A
(A) + $01
⇒ A
INH
3703
2
∆∆∆ —
INCB
Increment B
(B) + $01
⇒ B
INH
3713
2
∆∆∆ —
INCW
Increment Memory
Word
(M : M + 1) + $0001
⇒ M : M + 1
IND16, X
IND16, Y
IND16, Z
EXT
2703
2713
2723
2733
gggg
gggg
gggg
hh ll
8
8
8
8
——
∆∆∆ —
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn