Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 78 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-18
USER’S MANUAL
CPD
Compare D to Memory
(D)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
88
98
A8
37B8
37C8
37D8
37E8
37F8
2788
2798
27A8
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
6
6
6
——
∆∆∆∆
CPE
Compare E to Memory
(E)
− (M : M + 1)
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3738
3748
3758
3768
3778
jjkk
gggg
gggg
gggg
hhll
4
6
6
6
6
——
∆∆∆∆
CPS
Compare Stack
Pointer to Memory
(SP)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
4F
5F
6F
377F
174F
175F
176F
177F
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
——
∆∆∆∆
CPX
Compare IX to
Memory
(IX)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
4C
5C
6C
377C
174C
175C
176C
177C
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
——
∆∆∆∆
CPY
Compare IY to
Memory
(IY)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
4D
5D
6D
377D
174D
175D
176D
177D
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
——
∆∆∆∆
CPZ
Compare IZ to
Memory
(IZ)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
4E
5E
6E
377E
174E
175E
176E
177E
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
——
DAA
Decimal Adjust A
(A)10
INH
3721
2
∆∆ U ∆
DEC
Decrement Memory
(M)
− $01 ⇒ M
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
01
11
21
1701
1711
1721
1731
ff
ff
ff
gggg
gggg
gggg
hh ll
8
8
8
8
8
8
8
——
∆∆∆ —
DECA
Decrement A
(A)
− $01 ⇒ A
INH
3701
2
∆∆∆ —
DECB
Decrement B
(B)
− $01 ⇒ B
INH
3711
2
∆∆∆ —
DECW
Decrement Memory
Word
(M : M + 1)
− $0001
⇒ M : M + 1
IND16, X
IND16, Y
IND16, Z
EXT
2701
2711
2721
2731
gggg
gggg
gggg
hh ll
8
8
8
8
——
∆∆∆ —
EDIV
Extended Unsigned
Integer Divide
(E : D)
/ (IX)
Quotient
⇒ IX
Remainder
⇒ D
INH
3728
24
∆∆∆∆
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn