Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 74 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-14
USER’S MANUAL
ANDB
AND B
(B)
• (M) ⇒ B
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
C6
D6
E6
F6
17C6
17D6
17E6
17F6
27C6
27D6
27E6
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
6
6
6
2
6
6
6
6
6
6
6
——
∆∆
0—
ANDD
AND D
(D)
• (M : M + 1) ⇒ D
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
86
96
A6
37B6
37C6
37D6
37E6
37F6
2786
2796
27A6
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
6
6
6
——
∆∆
0—
ANDE
AND E
(E)
• (M : M + 1) ⇒ E
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3736
3746
3756
3766
3776
jj kk
gggg
gggg
gggg
hh ll
4
6
6
6
6
——
∆∆
0—
ANDP
1
AND CCR
(CCR)
• IMM16⇒ CCR
IMM16
373A
jj kk
4
∆∆∆∆
ASL
Arithmetic Shift Left
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
04
14
24
1704
1714
1724
1734
ff
ff
ff
gggg
gggg
gggg
hh ll
8
8
8
8
8
8
8
——
∆∆∆∆
ASLA
Arithmetic Shift Left A
INH
3704
2
∆∆∆∆
ASLB
Arithmetic Shift Left B
INH
3714
2
∆∆∆∆
ASLD
Arithmetic Shift Left D
INH
27F4
2
∆∆∆∆
ASLE
Arithmetic Shift Left E
INH
2774
2
ASLM
Arithmetic Shift Left
AM
INH
27B6
4
ASLW
Arithmetic Shift Left
Word
IND16, X
IND16, Y
IND16, Z
EXT
2704
2714
2724
2734
gggg
gggg
gggg
hh ll
8
8
8
8
——
ASR
Arithmetic Shift Right
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
0D
1D
2D
170D
171D
172D
173D
ff
ff
ff
gggg
gggg
gggg
hh ll
8
8
8
8
8
8
8
——
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn