Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 68 / 500 page
background image
CENTRAL PROCESSOR UNIT
M68HC16 Z SERIES
4-8
USER’S MANUAL
Figure 4-3 Data Types and Memory Organization
4.6 Addressing Modes
The CPU16 uses nine types of addressing. There are one or more addressing modes
within each type. Table 4-1 shows the addressing modes.
Address
Type
$0000
BIT
15
BIT
14
BIT
13
BIT
12
BIT
11
BIT
10
BIT
9
BIT
8
BIT
7
BIT
6
BIT
5
BIT
4
BIT
3
BIT
2
BIT
1
BIT
0
$0002
BYTE0
BYTE1
$0004
±
X OFFSET
±
Y OFFSET
±
X OFFSET
±
Y OFFSET
$0006
BCD1
BCD0
BCD1
BCD0
$0008
WORD 0
$000A
WORD 1
$000C
MSW LONG WORD 0
$000E
LSW LONG WORD 0
$0010
MSW LONG WORD 1
$0012
LSW LONG WORD 1
$0014
±⇐ (Radix Point)
16-BIT SIGNED FRACTION 0
$0016
±⇐ (Radix Point)
16-BIT SIGNED FRACTION 1
$0018
±⇐ (Radix Point)
MSW 32-BIT SIGNED FRACTION 0
$001A
LSW 32-BIT SIGNED FRACTION 0
0
$001C
±⇐ (Radix Point)
MSW 32-BIT SIGNED FRACTION 1
$001E
LSW 32-BIT SIGNED FRACTION 1
0
MAC Data Types
35
32
31
16
±
««««
⇐ (Radix Point)
MSW 32-BIT SIGNED FRACTION
15
0
LSW 32-BIT SIGNED FRACTION
±⇐ (Radix Point)
16-BIT SIGNED FRACTION
Address Data Type
19
16 15
0
4-Bit Address Extension
16-Bit Byte Address
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn