Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCK68HC16Z1CFC16 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCK68HC16Z1CFC16 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MCK68HC16Z1CFC16 Datasheet HTML 60Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 61Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 62Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 63Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 64Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 65Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 66Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 67Page - Freescale Semiconductor, Inc MCK68HC16Z1CFC16 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 500 page
background image
CENTRAL PROCESSOR UNIT
M68HC16 Z SERIES
4-4
USER’S MANUAL
4.2.5 Condition Code Register
The 16-bit condition code register is composed of two functional blocks. The eight
MSB, which correspond to the CCR on the M68HC11, contain the low-power stop con-
trol bit and processor status flags. The eight LSB contain the interrupt priority field, the
DSP saturation mode control bit, and the program counter address extension field.
Figure 4-2 shows the condition code register. Detailed descriptions of each status in-
dicator and field in the register follow the figure.
Figure 4-2 Condition Code Register
S — STOP Enable
0 = Stop clock when LPSTOP instruction is executed.
1 = Perform NOP when LPSTOP instruction is executed.
MV — Accumulator M overflow flag
MV is set when an overflow into AM35 has occurred.
H — Half Carry Flag
H is set when a carry from A3 or B3 occurs during BCD addition.
EV — Accumulator M Extension Overflow Flag
EV is set when an overflow into AM31 has occurred.
N — Negative Flag
N is set under the following conditions:
• When the MSB is set in the operand of a read operation.
• When the MSB is set in the result of a logic or arithmetic operation.
Z — Zero Flag
Z is set under the following conditions:
• When all bits are zero in the operand of a read operation.
• When all bits are zero in the result of a logic or arithmetic operation.
V — Overflow Flag
V is set when a two’s complement overflow occurs as the result of an operation.
C — Carry Flag
C is set when a carry or borrow occurs during an arithmetic operation. This flag is also
used during shift and rotate to facilitate multiple word operations.
IP[2:0] — Interrupt Priority Field
The priority value in this field (0 to 7) is used to mask interrupts.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
S
MV
H
EV
N
Z
V
C
IP[2:0]
SM
PK[3:0]
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCK68HC16Z1CFC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCK68HC16Z1CFC16 FREESCALE-MCK68HC16Z1CFC16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
MCK68HC16Z1CFC16 FREESCALE-MCK68HC16Z1CFC16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
More results

Similar Description - MCK68HC16Z1CFC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com