Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 45 / 500 page
background image
M68HC16 Z SERIES
OVERVIEW
USER’S MANUAL
3-11
3.4 Pin Descriptions
The following tables are a summary of the functional characteristics of M68HC16 Z-
series MCU pins. Table 3-1 shows all inputs and outputs. Digital inputs and outputs
use CMOS logic levels. An entry in the “Discrete I/O” column indicates that a pin can
also be used for general-purpose input, output, or both. The I/O port designation is giv-
en when it applies. Refer to Figure 3-1 for port organization. Table 3-2 shows types
of output drivers. Table 3-3 shows characteristics of power pins.
Table 3-1 M68HC16 Z-Series Pin Characteristics
Pin
Mnemonic
Output
Driver
Input
Synchronized
Input
Hysteresis
Discrete
I/O
Port
Designation
ADDR23/CS10/ECLK
A
Y
N
O
ADDR[22:19]/CS[9:6]
A
Y
N
O
PC[6:3]
ADDR[18:0]
A
Y
N
AN[7:0]1
Y
N
I
PADA[7:0]
AS
B
Y
Y
I/O
PE5
AVEC
B
Y
N
I/O
PE2
BERR
B
Y
N
BG/CS1
B
BGACK/CS2
B
Y
N
BKPT/DSCLK
Y
Y
BR/CS0
B
Y
N
O
CLKOUT
A
CSBOOT
B
DATA[15:0]1
AW
Y
N
DS
B
Y
Y
I/O
PE4
DSACK[1:0]
B
Y
N
I/O
PE[1:0]
DSI/IPIPE1
A
Y
Y
DSO/IPIPE0
A
EXTAL2
Special
FC[2:0]/CS[5:3]
A
Y
N
O
PC[2:0]
FREEZE/QUOT
A
HALT
Bo
Y
N
IC4/OC5
A
Y
Y
I/O
PGP7
IC[3:1]
A
Y
Y
I/O
PGP[2:0]
IRQ[7:1]
B
Y
Y
I/O
PF[7:1]
MISO
Bo
Y
Y
I/O
PQS0
MISO3
Bo
Y
Y
I/O
PMC0
MODCLK1
B
Y
N
I/O
PF0
MOSI
Bo
Y
Y
I/O
PQS1
MOSI3
Bo
Y
Y
I/O
PMC1
OC[4:1]
A
Y
Y
I/O
PGP[6:3]
PAI4
—Y
Y
I
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn