Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 39 / 500 page
background image
M68HC16 Z SERIES
OVERVIEW
USER’S MANUAL
3-5
Figure 3-2 MC68HC16Z2/Z3 Block Diagram
CSBOOT
SIZ1
SIZ0
AS
DS
PE3
SIZ1/PE7
SIZ0/PE6
AS/PE5
DS/PE4
AVEC/PE2
DSACK1/PE1
DSACK0/PE0
ADDR22/CS9/PC6
ADDR21/CS8/PC5
ADDR20/CS7/PC4
BR
BG
R/W
RESET
HALT
BERR
DATA[15:0]
ADDR[23:19]
TEST
EBI
ADDR19/CS6/PC3
FC2/CS5/PC2
FC1/CS4/PC1
FC0/CS3/PC0
ADDR23/CS10/ECLK
CS[10:0]
FC2
FC1
FC0
VSTBY
CHIP
SELECT
CLOCK
BGACK
AVEC
DSACK1
DSACK0
IRQ6/PF6
MODCLK/PF0
IRQ7/PF7
IRQ5/PF5
IRQ4/PF4
IRQ3/PF3
IRQ2/PF2
IRQ1/PF1
TSC
QUOT
TSC
FREEZE/QUOT
FREEZE
BKPT/DSCLK
IPIPE1/DSI
IPIPE0/DSO
BKPT
IPIPE0
IPIPE1
DSI
DSO
DSCLK
VDDA
VSSA
VRH
VRL
PWMA
PWMB
PCLK
PAI
OC2/OC1/PGP4
OC1/PGP3
IC4/OC5/OC1/PGP7
OC4/OC1/PGP6
OC3/OC1/PGP5
IC3/PGP2
IC2/PGP1
IC1/PGP0
GPT
QSM
CPU16
SRAM
SIM
IC4/OC5/OC1
TXD
PCS3
PCS2
PCS1
PCS0
SCK
MOSI
MISO
TXD/PQS7
PCS3/PQS6
PCS2/PQS5
PCS1/PQS4
PCS0/SS/PQS3
SCK/PQS2
MOSI/PQS1
MISO/PQS0
ADC
AN7/PADA7
EXTAL
XFC
VDDSYN
XTAL
CLKOUT
MODCLK
ADDR[18:0]
IMB
AN6/PADA6
AN5/PADA5
AN4/PADA4
AN3/PADA3
AN2/PADA2
AN1/PADA1
AN0/PADA0
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
IRQ[7:1]
VSS
VDD
OC4/OC1
OC3/OC1
OC2/OC1
OC1
IC3
IC2
IC1
RXD
Z2/Z3 BLOCK
MRM
2K/Z2
4K/Z3
BGACK/CS2
BG/CS1
BR/CS0
ECLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn