Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 35 / 500 page
background image
M68HC16 Z SERIES
OVERVIEW
USER’S MANUAL
3-1
SECTION 3
OVERVIEW
This section provides general information on M68HC16 Z-series MCUs. It lists fea-
tures of each of the modules, shows device functional divisions and pin assignments,
summarizes signal and pin functions, discusses the intermodule bus, and provides
system memory maps. Timing and electrical specifications for the entire microcontrol-
ler and for individual modules are provided in APPENDIX A ELECTRICAL CHARAC-
TERISTICS. Comprehensive module register descriptions and memory maps are
provided in APPENDIX D REGISTER SUMMARY.
3.1 M68HC16 Z-Series MCU Features
The following paragraphs highlight capabilities of each of the MCU modules. Each
module is discussed separately in a subsequent section of this manual.
3.1.1 Central Processor Unit (CPU16/CPU16L)
• 16-bit architecture
• Full set of 16-bit instructions
• Three 16-bit index registers
• Two 16-bit accumulators
• Control-oriented digital signal processing capability
• Addresses up to 1 Mbyte of program memory; 1 Mbyte of data memory
• Background debug mode
• Fully static operation
• Expanded LPSTOP operation on CPU16L (MC68HC16Z4, MC68CK16Z4 only)
3.1.2 System Integration Module (SIM/SIML)
• External bus support
• Programmable chip-select outputs
• System protection logic
• Watchdog timer, clock monitor, and bus monitor
• Two 8-bit dual function input/output ports
• One 7-bit dual function output port
• Phase-locked loop (PLL) clock system
• Expanded LPSTOP operation on SIML (MC68HC16Z4, MC68CK16Z4 only)
3.1.3 Standby RAM (SRAM)
• 1-Kbyte static RAM (MC68HC16Z1/Z4 only)
• 2-Kbyte static RAM (MC68HC16Z2 only)
• 4-Kbyte static RAM (MC68HC16Z3 only)
• External standby voltage supply input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn