Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 32 / 500 page
background image
NOMENCLATURE
M68HC16 Z SERIES
2-4
USER’S MANUAL
PICR
SIM Periodic Interrupt Control Register
PITR
SIM Periodic Interrupt Timer Register
PORTADA
ADC Port ADA Data Register
PORTC
SIM Port C Data Register
PORTE
SIM Port E Data Register [0:1]
PORTF
SIM Port F Data Register [0:1]
PORTGP
GPT Port GP Data Register
PORTMC
MCCI Port Data Register
PORTMCP
MCCI Port Pin State Register
PORTQS
QSM Port QS Data Register
PQSPAR
QSM Port QS Pin Assignment Register
PRESCL
GPT Prescaler Register
PWMA
GPT PWM Control Register A
PWMB
GPT PWM Control Register B
PWMBUFA
GPT PWM Buffer Register A
PWMBUFB
GPT PWM Buffer Register B
PWMC
GPT PWM Control Register C
PWMCNT
GPT PWM Counter Register
QILR
QSM Interrupt Level Register
QIVR
QSM Interrupt Vector Register
QSMCR
QSM Module Configuration Register
QTEST
QSM Test Register
RAMBAH
RAM Array Base Address Register High
RAMBAL
RAM Array Base Address Register Low
RAMMCR
RAM Module Configuration Register
RAMTST
RAM Test Register
RJURR[0:7]
ADC Right-Justified Unsigned Result Registers [0:7]
ROMBAH
ROM Array Base Address Register High
ROMBAL
ROM Array Base Address Register Low
ROMBS[0:3]
ROM Bootstrap Word Registers [0:3]
RR[0:F]
QSM Receive Data RAM [0:F]
RSR
SIM Reset Status Register
SCCR[0:1]
QSM SCI Control Registers [0:1]
SCCR0[A:B]
MCCI SCIA/B Control Registers 0 [A:B]
SCCR1[A:B]
MCCI SCIA/B Control Registers 1 [A:B]
SCDR
QSM SCI Data Register
SCDR[A:B]
MCCI SCIA/B Data Registers [A:B]
Mnemonic
Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn