Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 31 / 500 page
background image
M68HC16 Z SERIES
NOMENCLATURE
USER’S MANUAL
2-3
2.3 Register Mnemonics
Mnemonic
Register
ADCMCR
ADC Module Configuration Register
ADCTEST
ADC Test Register
ADCTL[0:1]
ADC Control Registers [0:1]
ADCSTAT
ADC Status Register
CFORC
GPT Compare Force Register
CREG
SIM Test Module Control Register
CR[0:F]
QSM Command RAM [0:F]
CSBARBT
SIM Chip-Select Base Address Register Boot
CSBAR[0:10]
SIM Chip-Select Base Address Registers [0:10]
CSORBT
SIM Chip-Select Option Register Boot
CSOR[0:10]
SIM Chip-Select Option Registers [0:10]
CSPAR[0:1]
SIM Chip-Select Pin Assignment Registers [0:1]
DDRE
SIM Port E Data Direction Register
DDRF
SIM Port F Data Direction Register
DDRGP
GPT Port GP Data Direction Register
DDRM
MCCI Data Direction Register
DDRQS
QSM Port QS Data Direction Register
DREG
SIM Test Module Distributed Register
GPTMCR
GPT Module Configuration Register
GPTMTR
GPT Module Test Register
ICR
GPT Interrupt Configuration Register
ILSCI
MCCI SCI Interrupt Register
ILSPI
MCCI SPI Interrupt Register
LJSRR[0:7]
ADC Left-Justified Signed Result Registers [0:7]
LJURR[0:7]
ADC Left-Justified Unsigned Result Registers [0:7]
MIVR
MCCI Interrupt Vector Register
MMCR
MCCI Module Configuration Register
MPAR
MCCI Pin Assignment Register
MRMCR
Masked ROM Module Configuration Register
MTEST
MCCI Test Register
OC1D
GPT Output Compare 1 Action Data Register
OC1M
GPT Output Compare 1 Action Mask Register
PACNT
GPT Pulse Accumulator Counter Register
PACTL
GPT Pulse Accumulator Control Register
PEPAR
SIM Port E Pin Assignment Register
PFPAR
SIM Port F Pin Assignment Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn