Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 28 / 500 page
background image
INTRODUCTION
M68HC16 Z SERIES
1-2
USER’S MANUAL
System hardware and software allow changes in clock rate during operation. Because
the MCUs are a fully static design, register and memory contents are not affected by
clock rate changes.
High-density complementary metal-oxide semiconductor (HCMOS) architecture
makes the basic power consumption low. Power consumption can be minimized by
stopping the system clocks. The M68HC16 instruction set includes a low-power stop
(LPSTOP) command that efficiently implements this capability. Individual stop bits in
each module allow for selective power reduction.
Documentation for the Modular Microcontroller Family follows the modular construc-
tion of the devices in the product line. Each device has a comprehensive user’s man-
ual that provides sufficient information for normal operation of the device. The user’s
manual is supplemented by module reference manuals that provide detailed informa-
tion about module operation and applications. Refer to Freescale publication
Advanced
Microcontroller Unit (AMCU) Literature (BR1116/D) for a complete list of documenta-
tion to supplement this manual.
Table 1-2 Z-Series MCU Reference Frequencies
MCU
Nominal Reference Frequency1
NOTES:
1. The nominal slow reference frequency is 32.768 kHz, but can range from
20 to 50 kHz. The nominal fast reference frequency is 4.194 MHz, but can
range from 1MHz to 6.25 MHz.
Slow
(32.768 kHz)
Fast
(4.194 MHz)
MC68HC16Z1
X
MC68CM16Z1
—X
MC68CK16Z1
X
MC68HC16Z2
X
MC68HC16Z3
X
MC68HC16Z4
X
MC68CK16Z4
X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn