Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCK68HC16Z1CFC16 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part No. MCK68HC16Z1CFC16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MCK68HC16Z1CFC16 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 27 / 500 page
background image
M68HC16 Z SERIES
INTRODUCTION
USER’S MANUAL
1-1
SECTION 1
INTRODUCTION
M68HC16 Z-series microcontrollers (including the MC68HC16Z1, MC68CM16Z1,
MC68CK16Z1, MC68HC16Z2, MC68HC16Z3, MC68HC16Z4, and MC68CK16Z4)
are high-speed 16-bit control units that are upwardly code compatible with M68HC11
controllers. All are members of the M68HC16 Family of modular microcontrollers.
M68HC16 microcontroller units (MCUs) are built from standard modules that interface
via a common internal bus. Standardization facilitates rapid development of devices
tailored for specific applications.
M68HC16 Z-series MCUs incorporate a number of different modules. Refer to Table
1-1 for information on the contents of a specific Z-series MCU. (X) indicates that the
module is used in the MCU. All of these modules are interconnected by the intermod-
ule bus (IMB).
The maximum system clock for M68HC16 Z-series MCUs can be either 16.78 MHz,
20.97 MHz, or 25.17 MHz. An internal phase-locked loop circuit synthesizes the sys-
tem clock from a slow (typically 32.768 kHz) or fast (typically 4.194 MHz) reference, or
uses an external frequency source. Refer to Table 1-2 for information on which refer-
ence frequency is applied to a particular MCU. (X) indicates the reference frequency
applicable to the MCU.
Table 1-1 M68HC16 Z-Series MCUs
Modules
MC68HC16Z1
MC68CK16Z11
MC68CM16Z11
NOTES:
1. “C” designator indicates a 2.7V to 3.6V part; “M” indicates a fast reference frequency and “K” indicates a slow
reference frequency. “HC” stands for HCMOS.
MC68HC16Z2
MC68HC16Z3
MC68HC16Z4
MC68CK16Z41
Central Processor Unit (CPU16)
X
X
X
Low-Power Central Processor
Unit (CPU16L)
———
X
System Integration Module (SIM)
X
X
X
Low-Power System Integration
Module (SIML)
———
X
Standby RAM (SRAM)
1 Kbyte
2 Kbytes
4 Kbytes
1 Kbyte
Masked ROM Module (MRM)
8 Kbytes
8 Kbytes
Analog-to-Digital Converter (ADC)
XXXX
Queued Serial Module (QSM)
X
X
X
Multichannel Communication
Interface (MCCI)
———
X
General-Purpose Timer (GPT)
XXXX
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn