Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3I7100AG-06JR Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCS3I7100AG-06JR
Description  Custom Clock Generator for Display Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3I7100AG-06JR Datasheet(HTML) 5 Page - ON Semiconductor

  PCS3I7100AG-06JR Datasheet HTML 1Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 2Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 3Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 4Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 5Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 6Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 7Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PCS3P7100A
Rev. 1 | Page 5 of 8 | www.onsemi.com
Deviation Charts
Note: Transition band is 30MHz to 34MHz for VDD=2.5V at 25ºC. Deviation in this band is 2.5% ± 4%.
Transition band is 30MHz to 39MHz for VDD=3.3V at 25ºC. Deviation in this band is 1.8% ± 30%.
Deviation vs Output frequency (35MHz to 130 MHz) at 25C for VDD = 2.5V
0.30%
0.80%
1.30%
1.80%
2.30%
2.80%
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
Output ( MHz)
Figure 1
Deviation vs Output frequency (20MHz to 29 MHz) at 25C for VDD = 3.3V
0.00%
0.50%
1.00%
1.50%
2.00%
2.50%
20
21
22
23
24
25
26
27
28
29
Output ( MHz)
Figure 2
Deviation vs Output frequency (40MHz to 130 MHz) at 25C for VDD = 3.3V
0.00%
0.50%
1.00%
1.50%
2.00%
2.50%
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
Output (MHz)
Figure 3


Similar Part No. - PCS3I7100AG-06JR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3I7100AG-06JR PULSECORE-PCS3I7100AG-06JR Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
PCS3I7100AG-06JR PULSECORE-PCS3I7100AG-06JR Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
More results

Similar Description - PCS3I7100AG-06JR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com