Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00311091 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 00311091
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

00311091 Datasheet(HTML) 2 Page - Schurter Inc.

  00311091 Datasheet HTML 1Page - Schurter Inc. 00311091 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholders
FEF (Snap)
www.schurter.com/pg02
Fuses
S
4
38
6
Variant 0031.1161 und 0031.1165
S
4
38
42.5
Variant Fingergrip 0031.1913 and 0031.1914
13
0
-0.3
12
0
-0.1
Mounting Holes 0031.1161, 0031.1165, 0031.1913 and 0031.1914
13.6
Mounting Holes 0031.1091, 0031.1095, 0031.1901 and 0031.1902
Derating Curves for Fuseholders
0
20
40
60
80
100
0.5
0.0
I = << In
I = 0.7 In
I = 1.0 In
4.0
1.5
1.0
2.0
3.0
2.5
3.5
Ambient Air Temperature Ta °C
Variants
Holder
Cap
Panel Thickness
s [mm]
Terminal
Degree of Pro-
tection
Order Number
l
Slot Knob
0.75 - 1.5mm
Solder
IP 40
0031.1091
l
Slot Knob
1.8 - 3.0mm
Solder
IP 40
0031.1095
l
Fingergrip
0.75 - 1.5mm
Solder
IP 40
0031.1901
l
Fingergrip
1.8 - 3.0mm
Solder
IP 40
0031.1902
l
Slot Knob
0.75 - 1.5mm
Solder
IP 40
0031.1161
l
Slot Knob
1.8 - 3.0mm
Solder
IP 40
0031.1165
l
Fingergrip
0.75 - 1.5mm
Solder
IP 40
0031.1913
l
Fingergrip
1.8 - 3.0mm
Solder
IP 40
0031.1914
Quick-ConnectTerminalsonRequest
Packaging Unit
Bulk(100pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 00311091

ManufacturerPart #DatasheetDescription
logo
Heyco.
0031 HEYCO-0031 Datasheet
133Kb / 1P
   Original Strain Relief Bushing Assembly Pliers Instructions and Spare Parts
logo
Schurter Inc.
0031.1001 SCHURTER-0031.1001 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
0031.1001 SCHURTER-0031.1001 Datasheet
225Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
0031.1001 SCHURTER-0031.1001 Datasheet
275Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
0031.1028 SCHURTER-0031.1028 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
More results

Similar Description - 00311091

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1092 SCHURTER-0031.1092 Datasheet
425Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
263Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FPG3 SCHURTER-FPG3 Datasheet
457Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
FEF-SNAP SCHURTER-FEF-SNAP_V01 Datasheet
330Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap-in, 0.75 - 3.0 mm
FEP SCHURTER-FEP_18 Datasheet
275Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FPG3 SCHURTER-FPG3_V02 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
04.01.2022
FEP SCHURTER-FEP Datasheet
225Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEP SCHURTER-FEP_V01 Datasheet
289Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FPG3 SCHURTER-FPG3_V01 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
FUS SCHURTER-FUS Datasheet
432Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com