Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACDN006SM Datasheet(PDF) 8 Page - ON Semiconductor

Part # PACDN006SM
Description  6-Channel ESD Protection Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN006SM Datasheet(HTML) 8 Page - ON Semiconductor

  PACDN006SM Datasheet HTML 1Page - ON Semiconductor PACDN006SM Datasheet HTML 2Page - ON Semiconductor PACDN006SM Datasheet HTML 3Page - ON Semiconductor PACDN006SM Datasheet HTML 4Page - ON Semiconductor PACDN006SM Datasheet HTML 5Page - ON Semiconductor PACDN006SM Datasheet HTML 6Page - ON Semiconductor PACDN006SM Datasheet HTML 7Page - ON Semiconductor PACDN006SM Datasheet HTML 8Page - ON Semiconductor PACDN006SM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACDN006
Rev. 4 | Page 8 of 9 | www.onsemi.com
Mechanical Details
The PACDN006 is supplied in a 8-pin MSOP package and the SOIC package.
MSOP-8 Mechanical Specifications, 8 pin
The 8-pin MSOP package dimensions are presented below.
PACKAGE DIMENSIONS
Package
MSOP
Pins
8
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
0.75
0.95
0.030
0.037
A1
0.05
0.15
0.002
0.006
B
0.28
0.38
0.011
0.015
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.65 BSC
0.026 BSC
H
4.90 BSC
0.193 BSC
L
0.40
0.70
0.016
0.028
# per tape
and reel
4000 pieces
Controlling dimension: millimeters
Dimensions for MSOP-8 Package


Similar Part No. - PACDN006SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACDN006SM ONSEMI-PACDN006SM Datasheet
143Kb / 7P
   6-Channel ESD Protection Array
October, 2011 ??Rev. 5
More results

Similar Description - PACDN006SM

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN006 ONSEMI-PACDN006_11 Datasheet
143Kb / 7P
   6-Channel ESD Protection Array
October, 2011 ??Rev. 5
logo
California Micro Device...
PACDN006S CALMIRCO-PACDN006S Datasheet
255Kb / 6P
   6 CHANNEL ESD PROTECTION ARRAY
1999
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Shanghai Leiditech Elec...
ULC0506N LEIDITECH-ULC0506N Datasheet
395Kb / 3P
   6-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
HY ELECTRONIC CORP.
HYESD1065M HY-HYESD1065M Datasheet
298Kb / 4P
   6 Channel Low Capacitance ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com