Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3PS550AHG-08CR Datasheet(PDF) 2 Page - ON Semiconductor

Part # P3PS550AHG-08CR
Description  High Drive General Purpose Peak EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3PS550AHG-08CR Datasheet(HTML) 2 Page - ON Semiconductor

  P3PS550AHG-08CR Datasheet HTML 1Page - ON Semiconductor P3PS550AHG-08CR Datasheet HTML 2Page - ON Semiconductor P3PS550AHG-08CR Datasheet HTML 3Page - ON Semiconductor P3PS550AHG-08CR Datasheet HTML 4Page - ON Semiconductor P3PS550AHG-08CR Datasheet HTML 5Page - ON Semiconductor P3PS550AHG-08CR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P3PS550AH
http://onsemi.com
2
VSS
VDD
CLKIN
ModOUT
PLL
SR0
SR1
SR2
PD#
Figure 1. Block Diagram
P3PS550AH modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized clock, and
more importantly, decreases the peak amplitudes of its
harmonics. This results in significantly lower system EMI
compared to the typical narrow band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
P3PS550AH accepts an input from an external reference
clock and locks to a 1x modulated clock output. SR0, SR1
and SR2 pins enable selecting one of the eight different
frequency deviations (Refer Frequency Deviation Selection
table). P3PS550AH also features power down option for
power save. P3PS550AH operates over a supply voltage
range of 2.3 V to 3.6 V. P3PS550AH is available in an 8 Pin
WDFN, (2 mm x 2 mm) Package.
Table 1. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
CLKIN
I
External reference clock input.
2
SR2
I
Digital logic input used to select Spreading Range. There is NO default state.
Refer Frequency Deviation Selection Table.
3
PD#
I
Power−down control pin. Powers down the entire chip. There is NO default state. Pull low to en-
able power−down mode. Connect to VDD to disable Power Down.
Output Clock will be LOW when power down is enabled
4
VSS
P
Ground connection.
5
ModOUT
O
Spread Spectrum Clock Output.
6
SR1
I
Digital logic input used to select Spreading Range. This pin has an internal pull−up resistor. Refer
Modulation Selection Table.
7
SR0
I
Digital logic input used to select Spreading Range. There is NO default state.
Refer Frequency Deviation Selection Table.
8
VDD
P
Power supply for the entire chip


Similar Part No. - P3PS550AHG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BH ONSEMI-P3PS850BH Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BH ONSEMI-P3PS850BH Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
   Peak EMI Reduction IC
July, 2010 ??Rev. 1
More results

Similar Description - P3PS550AHG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P2005A ONSEMI-PCS3P2005A Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P7303A ONSEMI-PCS3P7303A Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
JANUARY 2010 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P7303 ONSEMI-PCS3P7303 Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303A ONSEMI-PCS3P7303A_14 Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
PCS3PS550A ONSEMI-PCS3PS550A_15 Datasheet
76Kb / 7P
   General Purpose Peak EMI Reduction IC
September, 2015 ??Rev. 2
P3P8203A ONSEMI-P3P8203A Datasheet
116Kb / 6P
   General Purpose Peak EMI Reduction IC
August, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com