Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NYC008-6JG Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NYC008-6JG
Description  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NYC008-6JG Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NYC008−6JG
http://onsemi.com
4
DC
Figure 3. Typical Holding Current versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
110
65
50
35
20
5
−10
−25
−40
Figure 4. Typical Latching Current versus
Junction Temperature
Figure 5. Typical RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMPS)
120
110
100
90
80
70
60
50
0.5
0.4
0.3
0.2
0.1
0
Figure 6. Typical On−State Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
3.5
3.2
2.3
2.0
1.7
1.4
1.1
0.8
0.5
1
0.1
40
10
95
80
TJ, JUNCTION TEMPERATURE (°C)
110
65
50
35
20
5
−10
−25
−40
95
80
30°
60°
90°
120°
180°
2.9
2.6
MAXIMUM @ TJ = 110°C
MAXIMUM @ TJ = 25°C
2.6
2.4
1.8
1.6
1.4
1.2
1.0
2.8
3.0
2.2
2.0
2.6
2.4
1.8
1.6
1.4
1.2
1.0
2.8
3.0
2.2
2.0


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn