Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NYC008-6JG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NYC008-6JG
Description  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NYC008-6JG Datasheet(HTML) 2 Page - ON Semiconductor

  NYC008-6JG Datasheet HTML 1Page - ON Semiconductor NYC008-6JG Datasheet HTML 2Page - ON Semiconductor NYC008-6JG Datasheet HTML 3Page - ON Semiconductor NYC008-6JG Datasheet HTML 4Page - ON Semiconductor NYC008-6JG Datasheet HTML 5Page - ON Semiconductor NYC008-6JG Datasheet HTML 6Page - ON Semiconductor NYC008-6JG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NYC008−6JG
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Notes 1 and 2)
(TJ = *40 to 110°C, Sine Wave, 50 to 60 Hz; RGK = 1 kW)
VDRM,
VRRM
600
V
On-State RMS Current, (TC = 80°C) 180° Conduction Angles
IT(RMS)
0.8
A
Peak Non-Repetitive Surge Current, (1/2 Cycle, Sine Wave, 60 Hz, TJ = 25°C)
ITSM
10
A
Circuit Fusing Consideration, (t = 8.3 ms)
I2t
0.415
A2s
Forward Peak Gate Power, (TA = 25°C, Pulse Width v 1.0 ms)
PGM
0.1
W
Forward Average Gate Power, (TA = 25°C, t = 8.3 ms)
PG(AV)
0.10
W
Forward Peak Gate Current, (TA = 25°C, Pulse Width v 1.0 ms)
IGM
1.0
A
Reverse Peak Gate Voltage, (TA = 25°C, Pulse Width v 1.0 ms)
VGRM
5.0
V
Operating Junction Temperature Range @ Rate VRRM and VDRM
TJ
−40 to 110
°C
Storage Temperature Range
Tstg
−40 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
2. See ordering information for exact device number options.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
75
200
°C/W
Lead Solder Temperature
(t1/16″ from case, 10 secs max)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current (Note 3)
TC = 25°C
(VD = Rated VDRM and VRRM; RGK = 1 kW)TC = 110°C
IDRM, IRRM
10
100
mA
ON CHARACTERISTICS
Peak Forward On−State Voltage*
(ITM = 1.0 A Peak @ TA = 25°C)
VTM
1.7
V
Gate Trigger Current (Note 4)
TC = 25°C
(VAK = 7.0 Vdc, RL = 100 W)
IGT
200
mA
Holding Current (Note 3)
TC = 25°C
(VAK = 7.0 Vdc, Initiating Current = 20 mA, RGK = 1 kW)TC = −40°C
IH
5.0
10
mA
Latch Current (Note 4)
TC = 25°C
(VAK = 7.0 V, Ig = 200 mA)
TC = −40°C
IL
10
15
mA
Gate Trigger Voltage (Note 4)
TC = 25°C
(VAK = 7.0 Vdc, RL = 100 W)TC = −40°C
VGT
0.8
1.2
V
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off−State Voltage
(VD = Rated VDRM, Exponential Waveform, RGK = 1 kW,TJ = 110°C)
dV/dt
50
V/ms
Critical Rate of Rise of On−State Current
(IPK = 20 A; Pw = 10 msec; diG/dt = 1 A/msec, Igt = 20 mA)
di/dt
50
A/ms
*Indicates Pulse Test: Pulse Width ≤ 1.0 ms, Duty Cycle ≤ 1%.
3. RGK = 1000 W included in measurement.
4. Does not include RGK in measurement.


Similar Part No. - NYC008-6JG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results

Similar Description - NYC008-6JG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com