Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NYC008-6JG Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NYC008-6JG
Description  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NYC008-6JG Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 0
1
Publication Order Number:
NYC008−6JG/D
NYC008-6JG
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
PNPN devices designed for high volume, line-powered consumer
applications such as relay and lamp drivers, small motor controls, gate
drivers for larger thyristors, and sensing and detection circuits.
Supplied in an inexpensive plastic TO-226AA package which is
readily adaptable for use in automatic insertion equipment.
Features
Sensitive Gate Allows Triggering by Microcontrollers and Other
Logic Circuits
Blocking Voltage to 600 V
On−State Current Rating of 0.8 A RMS at 80°C
High Surge Current Capability − 10 A
Minimum and Maximum Values of IGT, VGT and IH Specified
for Ease of Design
Immunity to dV/dt − 50 V/msec Minimum at 110°C
Glass-Passivated Surface for Reliability and Uniformity
These are Pb−Free Devices
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCRs
0.8 A RMS
600 V
TO−92
CASE 29
STYLE 10
PIN ASSIGNMENT
1
2
3
Gate
Anode
Cathode
K
G
A
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
MARKING DIAGRAM
NYC
008−6
AYWWG
G
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn