Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF8600MNTXG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NUF8600MNTXG
Description  8-Channel EMI Filter with Integrated ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF8600MNTXG Datasheet(HTML) 4 Page - ON Semiconductor

  NUF8600MNTXG Datasheet HTML 1Page - ON Semiconductor NUF8600MNTXG Datasheet HTML 2Page - ON Semiconductor NUF8600MNTXG Datasheet HTML 3Page - ON Semiconductor NUF8600MNTXG Datasheet HTML 4Page - ON Semiconductor NUF8600MNTXG Datasheet HTML 5Page - ON Semiconductor NUF8600MNTXG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NUF8600MN
http://onsemi.com
4
Theory of Operation
The NUF8600MN combines ESD protection and EMI
filtering conveniently into a small package for today’s size
constrained applications. The capacitance inherent to a
typical protection diode is utilized to provide the
capacitance value necessary to create the desired frequency
response based upon the series resistance in the filter. By
combining this functionality into one device, a large number
of discrete components are integrated into one small
package saving valuable board space and reducing BOM
count and cost in the application.
Application Example
The accepted practice for specifying bandwidth in a filter
is to use the 3 dB cutoff frequency. Utilizing points such as
the 6 dB or 9 dB cutoff frequencies results in signal
degradation in an application. This can be illustrated in an
application example. A typical application would include
EMI filtering of data lines in a camera or display interface.
In such an example it is important to first understand the
signal and its spectral content. By understanding these
things, an appropriate filter can be selected for the desired
application. A typical data signal is pattern of 1’s and 0’s
transmitted over a line in a form similar to a square wave.
The maximum frequency of such a signal would be the
pattern 1-0-1-0 such that for a signal with a data rate of
100 Mbps, the maximum frequency component would be
50 MHz. The next item to consider is the spectral content of
the signal, which can be understood with the Fourier series
approximation of a square wave, shown below in
Equations 1 and 2 in the Fourier series approximation.
From this it can be seen that a square wave consists of odd
order harmonics and to fully construct a square wave n must
go to infinity. However, to retain an acceptable portion of the
waveform, the first two terms are generally sufficient. These
two terms contain about 85% of the signal amplitude and
allow a reasonable square wave to be reconstructed.
Therefore, to reasonably pass a square wave of frequency x
the minimum filter bandwidth necessary is 3x. All
ON Semiconductor EMI filters are rated according to this
principle. Attempting to violate this principle will result in
significant rounding of the waveform and cause problems in
transmitting the correct data. For example, take the filter
with the response shown in Figure 9 and apply three
different data waveforms. To calculate these three different
frequencies, the 3 dB, 6 dB, and 9 dB bandwidths will be
used.
Equation 1:
x(t) + 12 )
2
p
a
S
n + 1
1
2n * 1
sin((2n * 1)w0t)
(eq. 1)
Equation 2 (simplified form of Equation 1):
x(t) + 12 )
2
p
sin(w0t)
1
)
sin(3w0t)
3
)
sin(5w0t)
5
) AAA (eq. 2)
Frequency (Hz)
100k
1M
100M
1G
10G
10M
Figure 9. Filter Bandwidth
−3 dB
−6 dB
−9 dB
f1
f2
f3
From the above paragraphs it is shown that the maximum
supported frequency of a waveform that can be passed
through the filter can be found by dividing the bandwidth by
a factor of three (to obtain the corresponding data rate
multiply the result by two). The following table gives the
bandwidth values and the corresponding maximum
supported frequencies and the third harmonic frequencies.


Similar Part No. - NUF8600MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF8600MNTXG ONSEMI-NUF8600MNTXG Datasheet
123Kb / 6P
   8-Channel EMI Filter
September, 2013 ??Rev. 2
More results

Similar Description - NUF8600MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8610MN ONSEMI-NUF8610MN Datasheet
148Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8401MN ONSEMI-NUF8401MN_09 Datasheet
170Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF8152MU ONSEMI-NUF8152MU Datasheet
185Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8152 ONSEMI-NUF8152 Datasheet
187Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
November, 2011 ??Rev. 0
logo
Socay Electornics Co., ...
EM2378K SOCAY-EM2378K Datasheet
418Kb / 3P
   8-Channel EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF8001MU ONSEMI-NUF8001MU_09 Datasheet
144Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8170 AOSMD-AOZ8170 Datasheet
350Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com